Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4858 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4858
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4858 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4858 Datasheet HTML 2Page - National Semiconductor (TI) LM4858 Datasheet HTML 3Page - National Semiconductor (TI) LM4858 Datasheet HTML 4Page - National Semiconductor (TI) LM4858 Datasheet HTML 5Page - National Semiconductor (TI) LM4858 Datasheet HTML 6Page - National Semiconductor (TI) LM4858 Datasheet HTML 7Page - National Semiconductor (TI) LM4858 Datasheet HTML 8Page - National Semiconductor (TI) LM4858 Datasheet HTML 9Page - National Semiconductor (TI) LM4858 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics
LD Specific Characteristics (Continued)
LM4858LD
Power Dissipation vs
Output Power
LM4858LD
Power Derating Curve
200647A9
200647B0
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
20064763
20064764
THD+N vs Frequency
THD+N vs Frequency
20064765
20064766
www.national.com
6


Similar Part No. - LM4858

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580 TI-LM48580 Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48580 TI1-LM48580 Datasheet
1Mb / 21P
[Old version datasheet]   High Efficiency Class H, High Voltage, Haptic Piezo Actuator
LM48580 TI1-LM48580 Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48580TL NSC-LM48580TL Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
More results

Similar Description - LM4858

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
   Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com