Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXM2053GS Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
Download  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 4Page - Motorola, Inc MPXM2053GS Datasheet HTML 5Page - Motorola, Inc MPXM2053GS Datasheet HTML 6Page - Motorola, Inc MPXM2053GS Datasheet HTML 7Page - Motorola, Inc MPXM2053GS Datasheet HTML 8Page - Motorola, Inc MPXM2053GS Datasheet HTML 9Page - Motorola, Inc MPXM2053GS Datasheet HTML 10Page - Motorola, Inc MPXM2053GS Datasheet HTML 11Page - Motorola, Inc MPXM2053GS Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 670 page
background image
1–2
Motorola Sensor Device Data
www.motorola.com/semiconductors
Quality and Reliability — Overview
A Major Objective of the Production Cycle
From rigid incoming inspection of piece parts and materials,
to stringent outgoing quality verification, the Motorola
assembly and process flow is encompassed by an elaborate
system of test and inspection stations; stations to ensure a
step-by-step adherence to prescribed procedure. This
produces the high level of quality for which Motorola is
known . . . from start to finish.
As illustrated in the process flow overview, every major
manufacturing step is followed by an appropriate in-process
quality inspection to insure product conformance to
specification. In addition, Statistical Process Control (S.P.C.)
techniques are utilized on all critical processes to insure
processing equipment is capable of producing the product to
the target specification while minimizing the variability.
Quality control in wafer processing, assembly, and final test
impart Motorola sensor products with a level of reliability that
easily exceeds almost all industrial, consumer, and military
requirements.
Compensated Sensor Flow Chart
LASER I.D.
BINNING
CHECK
INITIAL
OXIDATION
P+ PHOTO
RESIST
P+
DIFFUSION
RESISTOR
PHOTO
RESIST
CAVITY
PHOTO
RESIST
DIE SORT
AND LOAD
GEL FILL
AND CURE
RESISTOR
IMPLANT
THIN-FILM
METAL DEP.
WAFER
FINAL
VISUAL
CELL
MARKING
100%
FUNCTIONAL
TEST
EMITTER
PHOTO
RESIST
THIN-FILM
METAL P.R.
CLASS
PROBE
DIE BOND
AND CURE
FINAL
VISUAL
EMITTER
DIFFUSION
CONTACT
PHOTO
RESIST
WAFER
TO WAFER
BOND
WIREBOND
PACK AND
SHIP
FINAL
OXIDATION
FRONT
METAL
12
3
4
5
67
9
10
11
13
15
16
17
18
19
20
21
22
23
8
METAL
PHOTO
RESIST
12
CAVITY
ETCH
14
SAW AND
WASH
LASER
TRIM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXM2053GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
129Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
226Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
310Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2053GS NXP-MPXM2053GS Datasheet
377Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results

Similar Description - MPXM2053GS

ManufacturerPart #DatasheetDescription
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
   Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
   Sensor
logo
Roithner LaserTechnik G...
QL78I6S ROITHNER-QL78I6S Datasheet
369Kb / 3P
   sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com