Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL4005 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # GBL4005
Description  50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBL4005 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  GBL4005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBL4005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
GBL4005 ~ GBL410
50V ~ 1000V, 4A
Glass Passivated Bridge Rectifiers
21-Jun-2016 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - GBL4005

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL4005 LRC-GBL4005 Datasheet
65Kb / 2P
   Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Micro Commercial Compon...
GBL4005 MCC-GBL4005 Datasheet
220Kb / 3P
   4.0 Amp Glass Passivated Single-Phase Rectifiers 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
GBL4005 LUGUANG-GBL4005 Datasheet
175Kb / 2P
   Silicon Bridge Rectifiers
logo
Dongguan City Niuhang E...
GBL4005 NIUHANG-GBL4005 Datasheet
4Mb / 5P
   BRIDGE RECTIFIERS
logo
Leshan Radio Company
GBL4005 LRC-GBL4005 Datasheet
303Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
More results

Similar Description - GBL4005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com