Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3138 Datasheet(PDF) 3 Page - International Rectifier

Part # IRU3138
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138 Datasheet(HTML) 3 Page - International Rectifier

  IRU3138 Datasheet HTML 1Page - International Rectifier IRU3138 Datasheet HTML 2Page - International Rectifier IRU3138 Datasheet HTML 3Page - International Rectifier IRU3138 Datasheet HTML 4Page - International Rectifier IRU3138 Datasheet HTML 5Page - International Rectifier IRU3138 Datasheet HTML 6Page - International Rectifier IRU3138 Datasheet HTML 7Page - International Rectifier IRU3138 Datasheet HTML 8Page - International Rectifier IRU3138 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IRU3138
3
Rev. 1.0
01/29/04
www.irf.com
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
This pin is connected directly to the output of the switching regulator via resistor divider to
provide feedback to the Error amplifier.
Non-inverting input of error amplifier.
Reference Voltage.
This pin provides biasing for the internal blocks of the IC as well as power for the low side
driver. A minimum of 1
mF, high frequency capacitor must be connected from this pin to
ground to provide peak drive current capability.
No Connection.
Output driver for the synchronous power MOSFET.
Analog ground for internal reference and control circuitry. Connect to PGnd with a short
trace.
This pin serves as the separate ground for MOSFET's drivers and should be connected to
system's ground plane. A high frequency capacitor (0.1
mF to 1mF) must be connected
from VCC and VC pins to this pin for noise free operation.
Output driver for the high side power MOSFET. This pin should not go negative (below
ground), this may cause problem for the gate drive circuit. It can happen when the inductor
current goes negative (Source/Sink), soft-start at no load and for the fast load transient
from full load to no load. To prevent negative voltage at gate drive, a low forward voltage
drop diode might be connected between this pin and ground.
This pin is connected to a voltage that must be at least 4V higher than the bus voltage of
the switcher (assuming 5V threshold MOSFET) and powers the high side output driver. A
minimum of 1
mF, high frequency capacitor must be connected from this pin to ground to
provide peak drive current capability.
The switching frequency can be Programmed between 200KHz and 400KHz by connect-
ing a resistor between Rt and Gnd. Floating the pin set the switching frequency to 200KHz
and grounding the pin set the switching frequency to 400KHz.
Compensation pin of the error amplifier. An external resistor and capacitor network is
typically connected from this pin to ground to provide loop compensation.
This pin provides soft-start for the switching regulator. An internal current source charges
an external capacitor that is connected from this pin to ground which ramps up the output
of the switching regulator, preventing it from overshooting as well as limiting the input
current. The converter can be shutdown by pulling this pin below 2.8V.
Error Amp
Fb Voltage Input Bias Current
Fb Voltage Input Bias Current
VP Voltage Range
Transconductance
Output Drivers
Rise Time
Fall Time
Dead Band Time
Max Duty Cycle
Min Duty Cycle
SS=3V, Fb=1V
SS=0V, Fb=1V
CLOAD=3000pF
CLOAD=3000pF
Fb=0.7V, Freq=200KHz
Fb=1.5V
0.7
500
85
0.1
50
800
35
35
100
90
mA
mA
V
mmho
ns
ns
ns
%
%
1
2
3
4
5
14
6
7
8
9
10
11
12
13
Fb
VP
VREF
VCC
NC
LDrv
Gnd
PGnd
HDrv
VC
Rt
Comp
SS / SD
IFB1
IFB2
GM
Tr
Tf
TDB
Ton
Toff
1.5
1000
70
70
0
Note 1: Guaranteed by design, but not tested in production.
PIN DESCRIPTIONS
PIN#
PIN SYMBOL
PIN DESCRIPTION


Similar Part No. - IRU3138

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137CS IRF-IRU3137CS Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IRU3138

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
   SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
   Sink and Source DC/DC Controller for Termination Power Supply Applications
logo
Sanken electric
SFA0002 SANKEN-SFA0002 Datasheet
470Kb / 12P
   PWM Controller for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com