Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M20S-02150A221 Datasheet(PDF) 3 Page - SICK AG

Part # M20S-02150A221
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

M20S-02150A221 Datasheet(HTML) 3 Page - SICK AG

  M20S-02150A221 Datasheet HTML 1Page - SICK AG M20S-02150A221 Datasheet HTML 2Page - SICK AG M20S-02150A221 Datasheet HTML 3Page - SICK AG M20S-02150A221 Datasheet HTML 4Page - SICK AG M20S-02150A221 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M20S-02150A220, M20S-02150A221 | M2000 Cascadable
MULTIPLE LIGHT BEAM SAFETY DEVICES
Electrical data
Protection class
III (EN 50178)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC) 1)
Safety outputs (OSSD)
Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
Mechanical data
Housing cross-section
48 mm x 40 mm
Ambient data
Enclosure rating
IP65 (EN 60529)
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
10 g, 16 ms (IEC 60068-2-29)
Other information
Wave length
950 nm
Dimensional drawing (Dimensions in mm (inch))
L 1
A 1
S 1
1.
7
8.4
40
14
6
3.5
1
10.5
2.2
44.4
42.9
75 68 48
L 6
L 2
L 3
L 4
15.4
8
11.9
22.4
25.6
14.4
20
48
76.3
35
22.5
42.6
L 5
48
42.3
Number
of beams
Beam sep-
aration
Resolution
L1
L2
L3
L4
L5
L6
2
500
-
630
588
697
718
694
686
3
400
-
931
888
998
1019
995
987
4
300
-
1031
989
1098
1119
1095
1087
8
-
116
851
809
919
939
915
907
6
-
170
916
874
983
1004
979
971
7
-
170
1073
1031
1140
1161
1137
1129
8
-
170
1231
1189
1298
1319
1294
1286
9
-
170
1388
1346
1455
1476
1452
1444
Dimensions in mm (inch)
2017-06-14 08:06:28 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - M20S-02150A221

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20S-02150A221 SICK-M20S-02150A221 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M20S-02150A221

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com