Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1018209 Datasheet(PDF) 3 Page - SICK AG

Part # 1018209
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018209 Datasheet(HTML) 3 Page - SICK AG

  1018209 Datasheet HTML 1Page - SICK AG 1018209 Datasheet HTML 2Page - SICK AG 1018209 Datasheet HTML 3Page - SICK AG 1018209 Datasheet HTML 4Page - SICK AG 1018209 Datasheet HTML 5Page - SICK AG 1018209 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M20S-03240A122, M20E-03240A222 | M2000 RES/EDM
MULTIPLE LIGHT BEAM SAFETY DEVICES
Configuration method
Hard wired
Display elements
LEDs
7-segment display
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 2)
1) Depending on load, power supply and wire cross-section. The technical specifications must be observed.
2) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
Electrical data
Protection class
III (EN 50178)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC) 1)
Power consumption
≤ 3.7 W (DC)
Safety outputs (OSSD)
Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
Mechanical data
Housing cross-section
48 mm x 40 mm
Ambient data
Enclosure rating
IP65 (EN 60529)
Ambient operating temperature
0 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
10 g, 16 ms (IEC 60068-2-29)
Other information
Wave length
950 nm
2017-06-14 08:06:28 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - 1018209

ManufacturerPart #DatasheetDescription
logo
SICK AG
1018200 SICK-1018200 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1018200 SICK-1018200 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1018201 SICK-1018201 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1018206 SICK-1018206 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1018207 SICK-1018207 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - 1018209

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com