Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRFD120 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. IRFD120
Description  1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
©2002 Fairchild Semiconductor Corporation
IRFD120 Rev. B
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
ID, DRAIN CURRENT (A)
04
8
12
16
1
2
3
4
5
20
0
TJ = -55
oC
TJ = 25
oC
TJ = 125
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
23
0.1
10
2
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
1
5
5
2
4
TJ = 25
oC
TJ = 150
oC
2
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
QG, GATE CHARGE (nC)
04
6
10
5
15
20
ID = 5.2A
10
0
28
VDS = 80V
VDS = 50V
VDS = 20V
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
IRFD120




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFD1201.3A 100V 0.300 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
IRFF1206.0A 100V 0.300 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
HUF76609D310A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76629D320A 100V 0.054 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF75631P333A 100V 0.040 Ohm N-Channel UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
IRF5105.6A 100V 0.540 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
STB30NF10N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD6NF10N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STY140NS10N-CHANNEL 100V - 0.009 ohm - 140A MAX247™ MESH OVERLAY™ POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
HUF76619D318A 100V 0.087 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl