Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2340N Datasheet(PDF) 1 Page - Analog Power

Part # AM2340N
Description  N-Channel 40-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2340N Datasheet(HTML) 1 Page - Analog Power

  AM2340N Datasheet HTML 1Page - Analog Power AM2340N Datasheet HTML 2Page - Analog Power AM2340N Datasheet HTML 3Page - Analog Power AM2340N Datasheet HTML 4Page - Analog Power AM2340N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM2340N
N-Channel 40-V (D-S) MOSFET
VDS (V)
ID(A)
5.2
3.7
Symbol
Limit
Units
VDS
40
VGS
±20
TA=25°C
5.2
TA=70°C
4.1
IDM
30
IS
1.5
A
TA=25°C
1.3
TA=70°C
0.8
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
100
166
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Parameter
Continuous Drain Current
a
ID
A
Continuous Source Current (Diode Conduction)
a
Power Dissipation
a
PRODUCT SUMMARY
40
rDS(on) (mΩ)
43 @ VGS = 10V
64 @ VGS = 4.5V
Gate-Source Voltage
PD
W
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
°C/W
Steady State
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
SOT-23
© Preliminary
1
Publication Order Number:
DS_AM2340N_1A_1


Similar Part No. - AM2340N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2340NE ANALOGPOWER-AM2340NE Datasheet
178Kb / 3P
   N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2340NE-T1-PF VBSEMI-AM2340NE-T1-PF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM2340N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com