Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM90P10-117P Datasheet(PDF) 5 Page - Analog Power

Part # AM90P10-117P
Description  P-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P10-117P Datasheet(HTML) 5 Page - Analog Power

  AM90P10-117P Datasheet HTML 1Page - Analog Power AM90P10-117P Datasheet HTML 2Page - Analog Power AM90P10-117P Datasheet HTML 3Page - Analog Power AM90P10-117P Datasheet HTML 4Page - Analog Power AM90P10-117P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Analog Power
AM90P10-117P
MIN
MAX
A
4.24
4.72
A1
1.11
1.41
A2
2.22
2.7
B
2.6
3.9
b
0.66
0.94
b2
1.17
1.45
c
0.4
0.6
D
14.5
15.74
D1
8.4
9.65
D2
12.08
12.48
E
9.7
10.54
E1
8
8.4
e
2.49
2.59
L
12.27
14.5
ØP
3.55
3.89
Q
2.58
2.98
DIM.
MILLIMETERS
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
Package Information
Option 3
Option 1
Option 2
© Preliminary
5
Publication Order Number:
DS_AM90P10-117P_1A


Similar Part No. - AM90P10-117P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90P10-19B ANALOGPOWER-AM90P10-19B Datasheet
419Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM90P10-117P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com