Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP6130 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP6130
Description  IR Receiver Modules for Remote Control Systems
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP6130 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP6130_17 Datasheet HTML 1Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 2Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 3Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 4Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 5Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 6Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 7Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 8Page - Vishay Siliconix TSOP6130_17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TSOP61.., TSOP63.., TSOP65..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 13-Sep-17
1
Document Number: 82457
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
ORDERING CODE
Taping:
TSOP6...TT - top view taped
TSOP6...TR - side view taped
FEATURES
• Improved immunity against HF and RF noise
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Taping available for top view and side view
assembly
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP61.., TSOP63.. series are miniaturized SMD
IR receivers for infrared remote control systems. A PIN
diode and a preamplifier are assembled on a lead frame, the
epoxy package contains an IR filter. The demodulated
output signal can be directly connected to a microprocessor
for decoding.
The TSOP63.. series devices are optimized to suppress
almost all spurious pulses from Wi-Fi and CFL sources.
They may suppress some data signals if continuously
transmitted.
The TSOP61.. series devices are provided primarily for
compatibility with old AGC1 designs. New designs should
prefer the TSOP63.. series containing the newer AGC3. The
TSOP65.. series are useful to suppress even extreme levels
of optical noise, but may also suppress some data signals.
Please check compatibility with your codes.
These components have not been qualified according to
automotive specifications.
16797
1
2
3
4
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP6130
TSOP6330
TSOP6530
33 kHz
TSOP6133
TSOP6333
TSOP6533
36 kHz
TSOP6136
TSOP6336 (1)
TSOP6536 (1)
38 kHz
TSOP6138
TSOP6338 (2)(3)(4)(5)
TSOP6538 (2)(3)(4)
40 kHz
TSOP6140
TSOP6340
TSOP6540
56 kHz
TSOP6156
TSOP6356
TSOP6556
Package
Panhead
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
Dimensions (mm)
7.5 W x 5.3 H x 4.0 D
Mounting
SMD
Application
Remote control
Best choice for
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2


Similar Part No. - TSOP6130_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
   IR Receiver Modules for Remote Control Systems
Rev. 1.7, 10-Jun-08
TSOP6130 VISHAY-TSOP6130 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
More results

Similar Description - TSOP6130_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com