Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP39233TR1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP39233TR1
Description  IR Receiver Modules for Remote Control Systems
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP39233TR1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP39233TR1 Datasheet HTML 1Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 2Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 3Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 4Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 5Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 6Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 7Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 8Page - Vishay Siliconix TSOP39233TR1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TSOP392..TR1, TSOP394..TR1
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 14-Sep-17
1
Document Number: 82788
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Two lenses for high sensitivity
• Insensitive to supply voltage ripple and noise
• Ultra low 2.6 mm profile
• Winged for mounting within PCB cutout
• Compatible with reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP39...TR1 series are miniaturized receiver modules
for infrared remote control systems. Two PIN diodes and a
preamplifier are assembled on a leadframe, the epoxy
package contains an IR filter. The demodulated output
signal can be directly connected to digital circuitry for
decoding.
The TSOP394..TR1 series devices are optimized to
suppress almost all spurious pulses from energy saving
lamps like CFLs. The AGC4 used in the TSOP394..TR1 may
suppress some data signals. The TSOP392..TR1 series are
provided primarily for compatibility with old AGC2 designs.
New designs should prefer the TSOP394..TR1 series
containing the newer AGC4.
These components have not been qualified according to
automotive specifications.
1
4
3
2
1
4
3
2
22964
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND LONG BURSTS (AGC2)
VERY NOISY ENVIRONMENTS
AND LONG BURSTS (AGC4)
Carrier
frequency
30 kHz
TSOP39230TR1
TSOP39430TR1
33 kHz
TSOP39233TR1
TSOP39433TR1
36 kHz
TSOP39236TR1
TSOP39436TR1 (1)(2)(3)
38 kHz
TSOP39238TR1
TSOP39438TR1 (4)(5)
40 kHz
TSOP39240TR1
TSOP39440TR1
56 kHz
TSOP39256TR1
TSOP39456TR1 (6)(7)
Package
TVCastSMD
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 2.6 H x 5.3 D
Mounting
SMD
Application
Remote control
Best choice for
(1) RC-5 (2) RC-6 (3) Panasonic (4) NEC (5) Sharp (6) r-step (7) Thomson RCA


Similar Part No. - TSOP39233TR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP39233 VISHAY-TSOP39233 Datasheet
153Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 19-Aug-08
TSOP39233 VISHAY-TSOP39233 Datasheet
500Kb / 21P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 21-Feb-17
TSOP39233 VISHAY-TSOP39233 Datasheet
484Kb / 21P
   0IR Receiver Modules for Remote Control Systems
Rev. 1.2, 14-Dec-17
More results

Similar Description - TSOP39233TR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com