Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11L1M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # H11L1M
Description  OPTOISOLATORS LOGIC OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11L1M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  H11L1M Datasheet HTML 1Page - Fairchild Semiconductor H11L1M Datasheet HTML 2Page - Fairchild Semiconductor H11L1M Datasheet HTML 3Page - Fairchild Semiconductor H11L1M Datasheet HTML 4Page - Fairchild Semiconductor H11L1M Datasheet HTML 5Page - Fairchild Semiconductor H11L1M Datasheet HTML 6Page - Fairchild Semiconductor H11L1M Datasheet HTML 7Page - Fairchild Semiconductor H11L1M Datasheet HTML 8Page - Fairchild Semiconductor H11L1M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PACKAGE
SCHEMATIC
6-PIN DIP
OPTOISOLATORS LOGIC OUTPUT
3/24/03
Page 1 of 9
© 2003 Fairchild Semiconductor Corporation
H11L1M
H11L2M
H11L3M
DESCRIPTION
The H11LXM series has a high speed integrated circuit detector optically
coupled to a gallium-arsenide infrared emitting diode. The output incorpo-
rates a Schmitt trigger, which provides hysteresis for noise immunity and
pulse shaping. The detector circuit is optimized for simplicity of operation
and utilizes an open collector output for maximum application flexibility.
FEATURES
High data rate, 1 MHz typical (NRZ)
•Free from latch up and oscilliation throughout voltage and temperature
ranges.
Microprocessor compatible drive
Logic compatible output sinks 16 mA at 0.4 V maximum
Guaranteed on/off threshold hysteresis
Wide supply voltage capability, compatible with all popular logic systems
Underwriters Laboratory (UL) recognized—file #E90700, Volume 2
VDE recognized – File#102497 – Add option V (e.g., H11LIVM)
APPLICATIONS
Logic to logic isolator
Programmable current level sensor
Line receiver—eliminate noise and transient problems
A.C. to TTL conversion—square wave shaping
Digital programming of power supplies
Interfaces computers with peripherals
6
1
6
6
1
1
1
2
6
5GND
4 VO
V
CC
ANODE
CATHODE
3
Truth Table
Input
Output
HL
LH


Similar Part No. - H11L1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L1M FAIRCHILD-H11L1M Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
CT Micro International ...
H11L1M CTMICRO-H11L1M Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
logo
ON Semiconductor
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
More results

Similar Description - H11L1M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
COSMO Electronics Corp...
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022S COSMO-KMOC3022S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com