Electronic Components Datasheet Search |
|
S-1313D17-A4T2U3 Datasheet(PDF) 4 Page - Seiko Instruments Inc |
|
S-1313D17-A4T2U3 Datasheet(HTML) 4 Page - Seiko Instruments Inc |
4 / 56 page SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR S-1313 Series Rev.2.1_00 4 Product Name Structure Users can select the product type, output voltage, and package type for the S-1313 Series. Refer to "1. Product name" regarding the contents of product name, "2. Function list of product type" regarding the product type, "3. Packages" regarding the package drawings, "4. Product name list" regarding details of the product name. 1. Product name S-1313 x xx - xxxx U 3 Product type *3 A to D Package abbreviation and IC packing specifications *1 M5T1: SOT-23-5, Tape N4T1: SC-82AB, Tape A4T2: HSNT-4 (1010), Tape A4T1: HSNT-4 (0808), Tape Output voltage *2 10 to 35 (e.g., when the output voltage is 1.0 V, it is expressed as 10.) Environmental code U: Lead-free (Sn 100%), halogen-free *1. Refer to the tape drawing. *2. If you request the product which has 0.05 V step, contact our sales office. *3. Refer to "2. Function list of product type". 2. Function list of product type Table 1 Product Type ON / OFF Logic Discharge Shunt Function Constant Current Source Pull-down A Active "H" Available Available B Active "H" Available Unavailable C Active "H" Unavailable Available D Active "H" Unavailable Unavailable 3. Packages Table 2 Package Drawing Codes Package Name Dimension Tape Reel Land SOT-23-5 MP005-A-P-SD MP005-A-C-SD MP005-A-R-SD − SC-82AB NP004-A-P-SD NP004-A-C-SD NP004-A-C-S1 NP004-A-R-SD − HSNT-4 (1010) PL004-A-P-SD PL004-A-C-SD PL004-A-R-SD PL004-A-L-SD HSNT-4 (0808) PK004-A-P-SD PK004-A-C-SD PK004-A-R-SD PK004-A-L-SD |
Similar Part No. - S-1313D17-A4T2U3 |
|
Similar Description - S-1313D17-A4T2U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |