Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0015913104 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0015913104
Description  2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015913104 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0015913104_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015913104_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
REFLOW
Process Temperature max. C
260
Material Info
Engineering Number
70634-0009
Reference - Drawing Numbers
Product Specification
PS-70400-001, PS-70541-001, TS-70541-001-001,
TS-70541-100-001
Sales Drawing
706340000-SD-000
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0015913104_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015913104 MOLEX2-0015913104 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 10 Circuits
More results

Similar Description - 0015913104_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015913083 MOLEX1-0015913083_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015913093 MOLEX1-0015913093_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015913133 MOLEX1-0015913133_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015913184 MOLEX1-0015913184_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015913204 MOLEX1-0015913204_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015916059 MOLEX1-0015916059_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015916109 MOLEX1-0015916109_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015916119 MOLEX1-0015916119_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015917090 MOLEX1-0015917090 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015916219 MOLEX1-0015916219_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015917150 MOLEX1-0015917150 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com