Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82582Q38GE-500 Datasheet(PDF) 9 Page - GSI Technology

Part # GS82582Q38GE-500
Description  Byte Write controls sampled at data-in time
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582Q38GE-500 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS82582Q38GE-500 Datasheet HTML 5Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 6Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 7Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 8Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 9Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 10Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 11Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 12Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.9
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VREF
Voltage in VREF Pins
–0.5 to VDDQ
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VIN
Input Voltage (Address, Control, Data, Clock)
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VTIN
Input Voltage (TCK, TMS, TDI)
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
GS82582Q20/38GE-500/450/400/375
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
9/25
© 2012, GSI Technology
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.4
VDD
V
Reference Voltage
VREF
VDDQ/2 – 0.05
VDDQ/2 + 0.05
V
Note:
The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power
down sequence must be the reverse. VDDQ must not exceed VDD. For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up.
Operating Temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Junction Temperature
(Commercial Range Versions)
TJ
0
25
85
C
Junction Temperature
(Industrial Range Versions)*
TJ
–40
25
100
C
Note:
* The part numbers of Industrial Temperature Range versions end with the character “I”. Unless otherwise noted, all performance specifications
quoted are evaluated for worst case in the temperature range marked on the device.


Similar Part No. - GS82582Q38GE-500

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   Dual Double Data Rate interface
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
More results

Similar Description - GS82582Q38GE-500

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662QT10BD-250I GSI-GS8662QT10BD-250I Datasheet
501Kb / 28P
   Byte Write controls sampled at data-in time
GS8662Q07BGD-250 GSI-GS8662Q07BGD-250 Datasheet
502Kb / 28P
   Byte Write controls sampled at data-in time
GS8342Q07BGD-300 GSI-GS8342Q07BGD-300 Datasheet
502Kb / 28P
   Byte Write controls sampled at data-in time
GS81302DT07E-300 GSI-GS81302DT07E-300 Datasheet
513Kb / 30P
   Byte Write controls sampled at data-in time
logo
National Semiconductor ...
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
logo
Micross Components
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
   Byte Write support
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Alliance Semiconductor ...
512M-DDR1-AS4C64M8D1 ALSC-512M-DDR1-AS4C64M8D1 Datasheet
1Mb / 65P
   Individual byte write mask control
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
ATA6662 ATMEL-ATA6662_10 Datasheet
537Kb / 18P
   Dominant Time-out Function at Transmit Data (TXD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com