Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8050S Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # M8050S
Description  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

M8050S Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  M8050S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd M8050S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd M8050S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
M8050S TRANSISTOR (NPN)
FEATURES
Power
Dissipation
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol Para
meter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
1
50
Tstg
Storage Temperature
-55
~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
M
ax
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO*
IC= 1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 35V, IE=0
0.1
μA
Collector cut-off current
ICEO
VCE= 20V, IB=0
0.1
μA
hFE(1)
VCE=1V, IC=5mA
45
hFE(2)
VCE=1V, IC=100mA
80
400
DC current gain
hFE(3)
VCE=1V, IC=800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC= 800mA, IB=80mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800mA, IB= 80mA
1.2
V
Transition frequency
fT
VCE=6V, IC= 20mA , f=30MHz
150
MHz
* Pulse Test : pulse width ≤ 300µs , duty cycle ≤2%.
TO-92
1.EMITTER
2.
COLLECTOR
3.
BASE
CLASSIFICATION OF hFE(2)
Rank
B
C
D
D3
Range
80-160
120-200
160-300
300-400
www.cj-elec.com
1
D,Dec,2015


Similar Part No. - M8050S

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
   TRANSISTOR 竊?NPN 竊
logo
Shanghai Leiditech Elec...
M8050 LEIDITECH-M8050 Datasheet
816Kb / 3P
   General Purpose Transistors NPN Silicon
logo
Daya Electric Group Co....
M8050 DAYA-M8050 Datasheet
331Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
M8050 DGNJDZ-M8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
M8050 SECOS-M8050 Datasheet
222Kb / 2P
   NPN Plastic Encapsulate Transistor
More results

Similar Description - M8050S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com