Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB060AN08A0 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDB060AN08A0
Description  N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB060AN08A0 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDB060AN08A0 Datasheet HTML 1Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 2Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 3Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 4Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 5Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 6Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 7Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 8Page - Fairchild Semiconductor FDB060AN08A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDB060AN08A0 / FDP060AN08A0 Rev. A
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
255075
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
25
50
75
100
125
150
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
CURRENT LIMITED
BY PACKAGE
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t , RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
1000
2000
70
t , PULSE WIDTH (s)
10-5
10-4
10-3
10-2
10-1
100
101
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V


Similar Part No. - FDB060AN08A0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB060AN08A0 ISC-FDB060AN08A0 Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB060AN08A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH047AN08A0 FAIRCHILD-FDH047AN08A0 Datasheet
606Kb / 10P
   N-Channel PowerTrench MOSFET 75V, 80A, 4.7m?
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
   75V, 80A N-Channel MOSFET
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
   80A, 75V N-CHANNEL POWER MOSFET
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
   80A, 75V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
HY ELECTRONIC CORP.
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
   75V / 80A N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
FDP16AN08A0 FAIRCHILD-FDP16AN08A0 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 75V, 58A, 16m?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com