Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCT2160KE Datasheet(PDF) 6 Page - Rohm

Part # SCT2160KE
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCT2160KE Datasheet(HTML) 6 Page - Rohm

Back Button SCT2160KE Datasheet HTML 2Page - Rohm SCT2160KE Datasheet HTML 3Page - Rohm SCT2160KE Datasheet HTML 4Page - Rohm SCT2160KE Datasheet HTML 5Page - Rohm SCT2160KE Datasheet HTML 6Page - Rohm SCT2160KE Datasheet HTML 7Page - Rohm SCT2160KE Datasheet HTML 8Page - Rohm SCT2160KE Datasheet HTML 9Page - Rohm SCT2160KE Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Datasheet
SCT2160KE
Electrical characteristic curves
0
2
4
6
8
10
12
14
16
18
20
02468
10
T
a=25ºC
Pulsed
10V
V
GS= 8V
12V
14V
16V
18V
20V
0
1
2
3
4
5
6
7
8
9
10
012
345
T
a=25ºC
Pulsed
10V
V
GS= 8V
12V
14V
16V
18V
20V
0
2
4
6
8
10
12
14
16
18
20
02
468
10
T
a=150ºC
Pulsed
10V
V
GS= 8V
12V
14V
16V
18V
20V
0
1
2
3
4
5
6
7
8
9
10
01
23
45
T
a=150ºC
Pulsed
10V
V
GS= 8V
12V
14V
16V
18V
20V
Fig.4 Typical Output Characteristics(I)
Fig.5 Typical Output Characteristics(II)
Fig.6 T
j = 150°C Typical Output
Characteristics(I)
Fig.7 T
j = 150°C Typical Output
Characteristics(II)
Drain - Source Voltage : V
DS [V]
Drain - Source Voltage : V
DS [V]
Drain - Source Voltage : V
DS [V]
Drain - Source Voltage : V
DS [V]
6/12
2017.07 - Rev.D


Similar Part No. - SCT2160KE

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT2160KEHR ROHM-SCT2160KEHR Datasheet
1Mb / 14P
   Automotive Grade N-channel SiC power MOSFET
22.Feb.2019 - Rev.001
More results

Similar Description - SCT2160KE

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com