Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4003 Datasheet(PDF) 6 Page - Rohm

Part # S4003
Description  N-channel SiC power MOSFET bare die
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S4003 Datasheet(HTML) 6 Page - Rohm

Back Button S4003 Datasheet HTML 2Page - Rohm S4003 Datasheet HTML 3Page - Rohm S4003 Datasheet HTML 4Page - Rohm S4003 Datasheet HTML 5Page - Rohm S4003 Datasheet HTML 6Page - Rohm S4003 Datasheet HTML 7Page - Rohm S4003 Datasheet HTML 8Page - Rohm S4003 Datasheet HTML 9Page - Rohm S4003 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Datasheet
S4003
Electrical characteristic curves
Fig.5 Typical Transfer Characteristics (I)
Gate - Source Voltage : V
GS [V]
Fig.6 Typical Transfer Characteristics (II)
Gate - Source Voltage : V
GS [V]
Fig.7 Gate Threshold Voltage
vs. Junction Temperature
Junction Temperature : T
j [ºC]
Fig.8 Transconductance vs. Drain Current
Drain Current : I
D [A]
0.1
1
10
0.1
1
10
V
DS = 10V
Pulsed
T
a = 150ºC
T
a = 75ºC
T
a = 25ºC
T
a = 25ºC
0
1
2
3
4
5
6
-50
0
50
100
150
200
V
DS = 10V
I
D = 23.5mA
0.01
0.1
1
10
100
0
2
4
6
8
10 12 14 16 18 20
T
a= 150ºC
T
a= 75ºC
T
a= 25ºC
T
a= 25ºC
V
DS = 10V
Pulsed
0
10
20
30
40
50
60
70
80
90
100
110
120
0
2
4
6
8
10 121416 1820
T
a= 150ºC
T
a= 75ºC
T
a= 25ºC
T
a= 25ºC
V
DS = 10V
Pulsed
6/11
2017.08 - Rev.B
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Similar Part No. - S4003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S40032LK8 ETC1-S40032LK8 Datasheet
361Kb / 9P
   SYVCHRONOUS DRAM
S40032LK8LK7FB-75A ETC1-S40032LK8LK7FB-75A Datasheet
361Kb / 9P
   SYVCHRONOUS DRAM
S40032LK8LK7FB-8A ETC1-S40032LK8LK7FB-8A Datasheet
361Kb / 9P
   SYVCHRONOUS DRAM
S40032LK8LK7FC-75A ETC1-S40032LK8LK7FC-75A Datasheet
361Kb / 9P
   SYVCHRONOUS DRAM
S40032LK8LK7FC-8A ETC1-S40032LK8LK7FC-8A Datasheet
361Kb / 9P
   SYVCHRONOUS DRAM
More results

Similar Description - S4003

ManufacturerPart #DatasheetDescription
logo
Rohm
S2305 ROHM-S2305 Datasheet
795Kb / 12P
   N-channel SiC power MOSFET bare die
S4103 ROHM-S4103 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
S4002 ROHM-S4002 Datasheet
664Kb / 13P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301_16 Datasheet
1,021Kb / 13P
   N-channel SiC power MOSFET bare die
S2308 ROHM-S2308_16 Datasheet
947Kb / 13P
   N-channel SiC power MOSFET bare die
S4008 ROHM-S4008 Datasheet
672Kb / 13P
   N-channel SiC power MOSFET bare die
S4105 ROHM-S4105 Datasheet
674Kb / 13P
   N-channel SiC power MOSFET bare die
S2206 ROHM-S2206 Datasheet
884Kb / 12P
   N-channel SiC power MOSFET bare die
S4503 ROHM-S4503 Datasheet
1Mb / 13P
   N-channel SiC power MOSFET bare die
9.Feb.2022 - Rev.001
S2308 ROHM-S2308 Datasheet
731Kb / 12P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301 Datasheet
870Kb / 12P
   N-channel SiC power MOSFET bare die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com