Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM180D12P3C007 Datasheet(PDF) 6 Page - Rohm

Part # BSM180D12P3C007
Description  SiC Power Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BSM180D12P3C007 Datasheet(HTML) 6 Page - Rohm

Back Button BSM180D12P3C007 Datasheet HTML 2Page - Rohm BSM180D12P3C007 Datasheet HTML 3Page - Rohm BSM180D12P3C007 Datasheet HTML 4Page - Rohm BSM180D12P3C007 Datasheet HTML 5Page - Rohm BSM180D12P3C007 Datasheet HTML 6Page - Rohm BSM180D12P3C007 Datasheet HTML 7Page - Rohm BSM180D12P3C007 Datasheet HTML 8Page - Rohm BSM180D12P3C007 Datasheet HTML 9Page - Rohm BSM180D12P3C007 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
BSM180D12P3C007
lElectrical characteristic curves (Typical)
1
10
100
1000
0
100
200
300
400
t
d(off)
t
r
t
f
t
d(on)
1
10
100
1000
0
100
200
300
400
t
d(off)
t
r
t
f
t
d(on)
0
5
10
15
20
25
0
100
200
300
400
E
off
E
rr
E
on
1
10
100
1000
0
100
200
300
400
t
d(off)
t
r
t
f
t
d(on)
Fig.10 Switching Characteristics [ T
j=125ºC ]
Drain Current : I
D [A]
Fig.11 Switching Characteristics [ T
j=150ºC ]
Drain Current : I
D [A]
Fig.12 Switching Loss vs. Drain Current
[ T
j=25ºC ]
Drain Current : I
D [A]
V
DS=600V
V
GS(on)=18V
V
GS(off)= -2V
R
G(on)=8.2W
R
G(off)=4.7W
INDUCTIVE
LOAD
V
DS=600V
V
GS(on)=18V
V
GS(off)= -2V
R
G(on)=8.2W
R
G(off)=4.7W
INDUCTIVE
LOAD
V
DS=600V
V
GS(on)=18V
V
GS(off)= -2V
R
G(on)=8.2W
R
G(off)=4.7W
INDUCTIVE
LOAD
Drain Current : I
D [A]
Fig.9 Switching Characteristics [ T
j=25ºC ]
V
DS=600V
V
GS(on)=18V
V
GS(off)= -2V
R
G(on)=8.2W
R
G(off)=4.7W
INDUCTIVE
LOAD
6/10
2016.02 - Rev.C


Similar Part No. - BSM180D12P3C007

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM180D12P2C101 ROHM-BSM180D12P2C101 Datasheet
1Mb / 11P
   SiC Power Module
BSM180D12P2E002 ROHM-BSM180D12P2E002 Datasheet
1Mb / 12P
   SiC Power Module
More results

Similar Description - BSM180D12P3C007

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM300D12P2E001 ROHM-BSM300D12P2E001 Datasheet
1Mb / 11P
   SiC Power Module
BSM120D12P2C005 ROHM-BSM120D12P2C005 Datasheet
939Kb / 11P
   SiC Power Module
BSM180C12P3C202 ROHM-BSM180C12P3C202 Datasheet
1Mb / 12P
   SiC Power Module
BSM300C12P3E301 ROHM-BSM300C12P3E301 Datasheet
874Kb / 11P
   SiC Power Module
BSM400C12P3G202 ROHM-BSM400C12P3G202 Datasheet
906Kb / 11P
   SiC Power Module
BSM300C12P3E201 ROHM-BSM300C12P3E201 Datasheet
1Mb / 12P
   SiC Power Module
BSM400D12P3G002 ROHM-BSM400D12P3G002 Datasheet
1Mb / 11P
   SiC Power Module
BSM600D12P3G001 ROHM-BSM600D12P3G001 Datasheet
949Kb / 11P
   SiC Power Module
BSM080D12P2C008 ROHM-BSM080D12P2C008 Datasheet
976Kb / 12P
   SiC Power Module
BSM250D17P2E004 ROHM-BSM250D17P2E004 Datasheet
910Kb / 11P
   SiC Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com