Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM180D12P2C101 Datasheet(PDF) 5 Page - Rohm

Part # BSM180D12P2C101
Description  SiC Power Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BSM180D12P2C101 Datasheet(HTML) 5 Page - Rohm

  BSM180D12P2C101 Datasheet HTML 1Page - Rohm BSM180D12P2C101 Datasheet HTML 2Page - Rohm BSM180D12P2C101 Datasheet HTML 3Page - Rohm BSM180D12P2C101 Datasheet HTML 4Page - Rohm BSM180D12P2C101 Datasheet HTML 5Page - Rohm BSM180D12P2C101 Datasheet HTML 6Page - Rohm BSM180D12P2C101 Datasheet HTML 7Page - Rohm BSM180D12P2C101 Datasheet HTML 8Page - Rohm BSM180D12P2C101 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
BSM180D12P2C101
lElectrical characteristic curves (Typical)
0
60
120
180
240
300
360
0
5
10
15
V
DS =20V
T
j=25ºC
T
j=125ºC
T
j=150ºC
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
T
j=25ºC
T
j=125ºC
V
DS =20V
T
j=150ºC
Gate-Source Voltage : V
GS [V]
Fig.5 Drain Current vs. Gate-Source Voltage
Fig.6 Drain Current vs. Gate-Source Voltage
Gate-Source Voltage : V
GS [V]
1
10
100
1000
0
2
4
6
T
j=125ºC
V
GS =0V
V
GS =18V
T
j=25ºC
T
j=25ºC
T
j=150ºC
T
j=125ºC
T
j=150ºC
0
60
120
180
240
300
360
0
2
4
6
V
GS =0V
V
GS =18V
T
j=25ºC
T
j=125ºC
T
j=150ºC
T
j=25ºC
T
j=125ºC
T
j=150ºC
Gate-Source Voltage : V
GS [V]
Fig.7 Drain Current vs. Gate-Source Voltage
Fig.8 Drain Current vs. Gate-Source Voltage
Gate-Source Voltage : V
GS [V]
5/9
2016.10 - Rev.C


Similar Part No. - BSM180D12P2C101

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM180D12P2E002 ROHM-BSM180D12P2E002 Datasheet
1Mb / 12P
   SiC Power Module
More results

Similar Description - BSM180D12P2C101

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM300D12P2E001 ROHM-BSM300D12P2E001 Datasheet
1Mb / 11P
   SiC Power Module
BSM120D12P2C005 ROHM-BSM120D12P2C005 Datasheet
939Kb / 11P
   SiC Power Module
BSM180C12P3C202 ROHM-BSM180C12P3C202 Datasheet
1Mb / 12P
   SiC Power Module
BSM180D12P3C007 ROHM-BSM180D12P3C007 Datasheet
928Kb / 12P
   SiC Power Module
BSM300C12P3E301 ROHM-BSM300C12P3E301 Datasheet
874Kb / 11P
   SiC Power Module
BSM400C12P3G202 ROHM-BSM400C12P3G202 Datasheet
906Kb / 11P
   SiC Power Module
BSM300C12P3E201 ROHM-BSM300C12P3E201 Datasheet
1Mb / 12P
   SiC Power Module
BSM400D12P3G002 ROHM-BSM400D12P3G002 Datasheet
1Mb / 11P
   SiC Power Module
BSM600D12P3G001 ROHM-BSM600D12P3G001 Datasheet
949Kb / 11P
   SiC Power Module
BSM080D12P2C008 ROHM-BSM080D12P2C008 Datasheet
976Kb / 12P
   SiC Power Module
BSM250D17P2E004 ROHM-BSM250D17P2E004 Datasheet
910Kb / 11P
   SiC Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com