Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM180C12P3C202 Datasheet(PDF) 2 Page - Rohm

Part # BSM180C12P3C202
Description  SiC Power Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BSM180C12P3C202 Datasheet(HTML) 2 Page - Rohm

  BSM180C12P3C202 Datasheet HTML 1Page - Rohm BSM180C12P3C202 Datasheet HTML 2Page - Rohm BSM180C12P3C202 Datasheet HTML 3Page - Rohm BSM180C12P3C202 Datasheet HTML 4Page - Rohm BSM180C12P3C202 Datasheet HTML 5Page - Rohm BSM180C12P3C202 Datasheet HTML 6Page - Rohm BSM180C12P3C202 Datasheet HTML 7Page - Rohm BSM180C12P3C202 Datasheet HTML 8Page - Rohm BSM180C12P3C202 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
BSM180C12P3C202
Absolute maximum ratings
(Tj = 25°C)
Symbol
Unit
VDSS G-S short
Repetitive reverse voltage
VDSS Clamp diode
ID
DC (Tc=60°C)
IDRM Pulse (Tc=60°C) 1ms *
2
IS
DC (Tc=60°C ) VGS=18V
ISRM
ISRM
IF
DC (Tc=60°C ) VGS=18V
IFRM
Total power disspation *
3
Ptot
Tc=25°C
W
Max Junction Temperature
Tjmax
Tjop
Tstg
Main Terminals : M6 screw
(*1) Case temperature (Tc )is defined on the surface of base plate just under the chips.
(*2) Repetition rate should be kept within the range where temperature rise if die should not exceed Tj max.
(*3) Tj is less than 175°C
Waveform for switching test
°C
N · m
Vrms
4.5
3.5
40 to150
40 to125
2500
Parameter
Drain-source voltage
Mounting torque
Isolation voltage
Mounting to heat shink : M5 screw
Storage temperature
Junction temperature
Visol
Terminals to baseplate,
f=60Hz AC 1min.
360
Conditions
175
880
Limit
1200
22
4
180
Pulse (Tc=60°C) 1ms VGS=18V *
2
360
A
1200
Forward curent
(clamp diode) *
1
180
Pulse (Tc=60°C) 1ms VGS=18V *
2
360
Gate-source voltage(
)
Gate-source voltage(
)
Pulse (Tc=60°C) 10
s VGS=0V *
2
Source current *
1
VGSS D-S short
Drain current *
1
V
360
180
ID
VDS
10%
VGS
10%
90%
10%
10%
90%
Eon=Id×Vds
2%
td(on)
tr
2%
trr
90%
2%
2%
Eoff=Id×Vds
td(off)
tf
Vsurge
2/10
2017.02 - Rev.B


Similar Part No. - BSM180C12P3C202

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM180C12P2E202 ROHM-BSM180C12P2E202 Datasheet
1Mb / 11P
   SiC Power Module
More results

Similar Description - BSM180C12P3C202

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM300D12P2E001 ROHM-BSM300D12P2E001 Datasheet
1Mb / 11P
   SiC Power Module
BSM120D12P2C005 ROHM-BSM120D12P2C005 Datasheet
939Kb / 11P
   SiC Power Module
BSM180D12P3C007 ROHM-BSM180D12P3C007 Datasheet
928Kb / 12P
   SiC Power Module
BSM300C12P3E301 ROHM-BSM300C12P3E301 Datasheet
874Kb / 11P
   SiC Power Module
BSM400C12P3G202 ROHM-BSM400C12P3G202 Datasheet
906Kb / 11P
   SiC Power Module
BSM300C12P3E201 ROHM-BSM300C12P3E201 Datasheet
1Mb / 12P
   SiC Power Module
BSM400D12P3G002 ROHM-BSM400D12P3G002 Datasheet
1Mb / 11P
   SiC Power Module
BSM600D12P3G001 ROHM-BSM600D12P3G001 Datasheet
949Kb / 11P
   SiC Power Module
BSM080D12P2C008 ROHM-BSM080D12P2C008 Datasheet
976Kb / 12P
   SiC Power Module
BSM250D17P2E004 ROHM-BSM250D17P2E004 Datasheet
910Kb / 11P
   SiC Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com