Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1312C26H-M5T1U3 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1312C26H-M5T1U3
Description  OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1312C26H-M5T1U3 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1312C26H-M5T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 12Page - Seiko Instruments Inc S-1312C26H-M5T1U3 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
105
°C OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_01
S-1312xxxH Series
9
Pin Configurations
1. SOT-23-5
13
2
4
5
Top view
Table 7
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
NC*1
No connection
5
VOUT
Output voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
Figure 5
2. HSNT-4 (1010)
Top view
14
23
Bottom view
41
32
*1
*1. Connect the heat sink of backside at
shadowed area to the board, and set
electric potential open or GND.
However, do not use it as the function
of electrode.
Table 8
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
VIN
Input voltage pin
Figure 6


Similar Part No. - S-1312C26H-M5T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1312C26H-M5T1U3 ABLIC-S-1312C26H-M5T1U3 Datasheet
1Mb / 39P
   105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
More results

Similar Description - S-1312C26H-M5T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com