Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2564DTBGEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2564DTBGEVB
Description  Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2564DTBGEVB Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2564DTBGEVB Datasheet HTML 1Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 2Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 3Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 4Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 5Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 6Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 7Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 8Page - ON Semiconductor NCS2564DTBGEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 6
1
Publication Order Number:
NCS2564/D
NCS2564
Four-Channel Video Driver
with Selectable SD / HD
Reconstruction Filters
The NCS2564 is a 4−channel high speed video driver with 6th order
Butterworth Reconstruction filters on each channel. A first set of
3−channel has selectable Standard Definition (SD) / High Definition
(HD) filters, one per channel. A fourth channel offers an extra filter
driver for driving CVBS−type video signal. The NCS2564 is in fact a
combination of a triple SD/HD video driver plus a single CVBS video
driver.
It is designed to be compatible with Digital−to−Analog Converters
(DAC) embedded in most video processors.
To further reduce power consumption, 2 enable pins are provided
one for the triple driver and another one for the single driver. One pin
allows selecting the filter frequency of the triple driver. All channels
can accept DC− or AC−coupled signals. In case of AC−coupled inputs,
the internal clamps are enabled. The outputs can drive both AC and
DC coupled 150
W loads.
Features
3−Channel with per Channel a Selectable Sixth−Order Butterworth
8/34 MHz Filter
One CVBS Driver Including 6th Order Butterworth 8 MHz Filter
Transparent Clamp
Internal Fixed Gain: 6 dB $0.2
Integrated Level Shifter
AC− or DC−Coupled Inputs and Outputs
Low Quiescent Current
Shutdown Current 42 mA Typical (Disabled)
Each channel Capable to Drive 2 by 150 W Loads
Wide Operating Supply Voltage Range: +4.7 V to +5.3 V
8 kV ESD Protection (IEC61000−4−2 Compatible)
TSSOP−14 Package
These are Pb−Free Devices
Typical Application
Set Top Box Decoder
DVD Player / Recorder
HDTV
Device
Package
Shipping
ORDERING INFORMATION
TSSOP−14
TBD SUFFIX
CASE 948G
MARKING
DIAGRAM
http://onsemi.com
1
14
NCS
2564
ALYWG
G
1
14
NCS2564 = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NCS2564DTBR2G TSSOP−14
(Pb−Free)
2500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CVBS_IN
VCC
SD/HD_IN1
SD/HD_IN2
SD/HD_IN3
CVBS_OUT
GND
GND
SD/HD_OUT2
SD/HD_OUT3
SD/HD_EN
PINOUT
CVBS_EN
SD/HD
SD/HD_OUT1
(Top View)


Similar Part No. - NCS2564DTBGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2564DTBR2G ONSEMI-NCS2564DTBR2G Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
NCS2564DTBR2G ONSEMI-NCS2564DTBR2G Datasheet
222Kb / 15P
   Four-Channel Video Driver
April, 2011 ??Rev. 6
More results

Similar Description - NCS2564DTBGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6407 FAIRCHILD-FMS6407_05 Datasheet
370Kb / 17P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Maxim Integrated Produc...
MAX11506 MAXIM-MAX11506 Datasheet
159Kb / 10P
   Low-Cost, 6-Channel SD Plus HD/SD Selectable Video Filters and Buffers
Rev 0; 4/08
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366_05 Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com