Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5104PG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5104PG
Description  High Voltage, Half Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5104PG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5104PG Datasheet HTML 1Page - ON Semiconductor NCP5104PG Datasheet HTML 2Page - ON Semiconductor NCP5104PG Datasheet HTML 3Page - ON Semiconductor NCP5104PG Datasheet HTML 4Page - ON Semiconductor NCP5104PG Datasheet HTML 5Page - ON Semiconductor NCP5104PG Datasheet HTML 6Page - ON Semiconductor NCP5104PG Datasheet HTML 7Page - ON Semiconductor NCP5104PG Datasheet HTML 8Page - ON Semiconductor NCP5104PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP5104, NCV5104
www.onsemi.com
4
ELECTRICAL CHARACTERISTIC (VCC = Vboot = 15 V, VGND = Vbridge, −40°C < TJ < 125°C, Outputs loaded with 1 nF)
Rating
Symbol
TJ −40°C to 125°C
Units
Min
Typ
Max
OUTPUT SECTION
Output high short circuit pulsed current VDRV = 0 V, PW v 10 ms (Note 1)
IDRVsource
250
mA
Output low short circuit pulsed current VDRV = Vcc, PW v 10 ms (Note 1)
IDRVsink
500
mA
Output resistor (Typical value @ 25
°C) Source
ROH
30
60
W
Output resistor (Typical value @ 25
°C) Sink
ROL
10
20
W
High level output voltage, VBIAS−VDRV_XX @ IDRV_XX = 20 mA
VDRV_H
0.7
1.6
V
Low level output voltage VDRV_XX @ IDRV_XX = 20 mA
VDRV_L
0.2
0.6
V
DYNAMIC OUTPUT SECTION
Turn−on propagation delay (Vbridge = 0 V) (Note 2)
tON
620
800
ns
Turn−off propagation delay (Vbridge = 0 V or 50 V) (Note 3)
tOFF
100
170
ns
Shutdown propagation delay, when Shutdown is enabled
tsd_en
100
170
ns
Shutdown propagation delay, when Shutdown is disabled
tsd_dis
620
800
ns
Output voltage rise time (from 10% to 90% @ VCC = 15 V) with 1 nF load
tr
85
160
ns
Output voltage fall time (from 90% to 10% @ VCC = 15 V) with 1 nF load
tf
35
75
ns
Propagation delay matching between the High side and the Low side
@ 25
°C (Note 4)
Dt
10
45
ns
Internal fixed dead time (Note 5)
DT
400
520
650
ns
INPUT SECTION
Low level input voltage threshold
VIN
0.8
V
Input pull−down resistor (VIN < 0.5 V)
RIN
200
k
W
High level input voltage threshold
VIN
2.3
V
Logic “1” input bias current @ VIN = 5 V @ 25°C
IIN+
5
25
mA
Logic “0” input bias current @ VIN = 0 V @ 25°C
IIN−
2.0
mA
SUPPLY SECTION
Vcc UV Start−up voltage threshold
Vcc_stup
8.0
8.9
9.8
V
Vcc UV Shut−down voltage threshold
Vcc_shtdwn
7.3
8.2
9.0
V
Hysteresis on Vcc
Vcc_hyst
0.3
0.7
V
Vboot Start−up voltage threshold reference to bridge pin
(Vboot_stup = Vboot − Vbridge)
Vboot_stup
8.0
8.9
9.8
V
Vboot UV Shut−down voltage threshold
Vboot_shtdwn
7.3
8.2
9.0
V
Hysteresis on Vboot
Vboot_shtdwn
0.3
0.7
V
Leakage current on high voltage pins to GND
(VBOOT = VBRIDGE = DRV_HI = 600 V)
IHV_LEAK
5
40
mA
Consumption in active mode (Vcc = Vboot, fsw = 100 kHz and 1 nF load on
both driver outputs)
ICC1
4
5
mA
Consumption in inhibition mode (Vcc = Vboot)
ICC2
250
400
mA
Vcc current consumption in inhibition mode
ICC3
200
mA
Vboot current consumption in inhibition mode
ICC4
50
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Parameter guaranteed by design.
2. TON = TOFF + DT
3. Turn−off propagation delay @ Vbridge = 600 V is guaranteed by design.
4. See characterization curve for
Dt parameters variation on the full range temperature.
5. Timing diagram definition see: Figure 4, Figure 5 and Figure 6.


Similar Part No. - NCP5104PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5104PG ONSEMI-NCP5104PG Datasheet
122Kb / 15P
   High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
NCP5104PG ONSEMI-NCP5104PG Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results

Similar Description - NCP5104PG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com