Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608BOOSTGEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1608BOOSTGEVB
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608BOOSTGEVB Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1608BOOSTGEVB Datasheet HTML 1Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 2Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 3Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 4Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 5Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 6Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 7Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 8Page - ON Semiconductor NCP1608BOOSTGEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 5
1
Publication Order Number:
NCP1608/D
NCP1608
Critical Conduction Mode
PFC Controller Utilizing a
Transconductance Error
Amplifier
The NCP1608 is an active power factor correction (PFC)
controller specifically designed for use as a pre−converter in ac−dc
adapters, electronic ballasts, and other medium power off−line
converters (typically up to 350 W). It uses critical conduction mode
(CrM) to ensure near unity power factor across a wide range of input
voltages and output power. The NCP1608 minimizes the number of
external components by integrating safety features, making it an
excellent choice for designing robust PFC stages. It is available in
a SOIC−8 package.
General Features
Near Unity Power Factor
No Input Voltage Sensing Requirement
Latching PWM for Cycle−by−Cycle On Time Control (Voltage
Mode)
Wide Control Range for High Power Application (>150 W) Noise
Immunity
Transconductance Error Amplifier
High Precision Voltage Reference (±1.6% Over the Temperature
Range)
Very Low Startup Current Consumption (≤ 35 mA)
Low Typical Operating Current Consumption (2.1 mA)
Source 500 mA/Sink 800 mA Totem Pole Gate Driver
Undervoltage Lockout with Hysteresis
Pin−to−Pin Compatible with Industry Standards
This is a Pb−Free and Halide−Free Device
Safety Features
Overvoltage Protection
Undervoltage Protection
Open/Floating Feedback Loop Protection
Overcurrent Protection
Accurate and Programmable On Time Limitation
Typical Applications
Solid State Lighting
Electronic Light Ballast
AC Adapters, TVs, Monitors
All Off−Line Appliances Requiring Power Factor Correction
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAM
PIN CONNECTION
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1608B
ALYW
G
1
8
FB
Control
Ct
CS
VCC
DRV
GND
ZCD
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCP1608BDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
www.onsemi.com


Similar Part No. - NCP1608BOOSTGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608BDR2G ONSEMI-NCP1608BDR2G Datasheet
251Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
NCP1608BDR2G ONSEMI-NCP1608BDR2G Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608BOOSTGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608 ONSEMI-NCP1608_10 Datasheet
276Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
June, 2010 ??Rev. 3
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com