Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN9252MUGEVB Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCN9252MUGEVB
Description  High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing Evaluation Board Users Manual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN9252MUGEVB Datasheet(HTML) 2 Page - ON Semiconductor

  NCN9252MUGEVB Datasheet HTML 1Page - ON Semiconductor NCN9252MUGEVB Datasheet HTML 2Page - ON Semiconductor NCN9252MUGEVB Datasheet HTML 3Page - ON Semiconductor NCN9252MUGEVB Datasheet HTML 4Page - ON Semiconductor NCN9252MUGEVB Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NCN9252MUGEVB
http://onsemi.com
2
Figure 2. Functional Block Diagram
1S1
1S2
1S3
2S1
2S2
2S3
COM1
COM2
IN1
IN2
Control
Logic
Table 1. FUNCTION TABLE
IN1 [0]
IN2 [1]
COM1 Closed to:
COM2 Closed to:
0
0
No Connect
No Connect
1
0
1S1
2S1
0
1
1S2
2S2
1
1
1S3
2S3
Get Started...
Equipment needed
Power Supply
2 Banana Cables
Computer
USB Flash Drive
USB Cable
Procedure
1. Set the power supply to 3.3 V. Connect the power
supply from VCC to GND using the banana cables.
The supply current should be less than 1
mA.
2. Connect the USB drive to the common I/O USB
port, J1.
3. Connect the USB cable from the desired output
port to the computer
4. Select the output port by moving the jumpers to
the appropriate logic level for IN1 and IN2, as
shown in the function table in Table 1.


Similar Part No. - NCN9252MUGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN9252MUTAG ONSEMI-NCN9252MUTAG Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
More results

Similar Description - NCN9252MUGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
NLAS8252 ONSEMI-NLAS8252 Datasheet
123Kb / 8P
   DP3T Switch for USB/UART/Data Multiplexing
April, 2008 - Rev. 0
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com