Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT60N03N263 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMT60N03N263
Description  N CHANNEL LOGIC LEVEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMT60N03N263 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMT60N03N263 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT60N03N263 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CMT60N03
N-CHANNEL Logic Level Power MOSFET
2004/05/24
Preliminary
Champion Microelectronic Corporation
Page 2
ORDERING INFORMATION
Part Number
Package
CMT60N03N252
TO-252
CMT60N03N263
TO-263
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25℃.
CMT60N03
Characteristic
Symbol
Min
Typ
Max
Units
OFF Characteristics
Drain-to-Source Breakdown Voltage
(VGS = 0 V, ID = 250 μA)
VDSS
30
V
Breakdown Voltage Temperature Coefficient, Fig.11
(Reference to 25
, ID = 250 μA)
Δ
VDSS/∆TJ
27
mV/
Drain-to-Source Leakage Current
(VDS = 24 V, VGS = 0 V, TJ = 25℃)
(VDS = 24 V, VGS = 0 V, TJ = 125℃)
IDSS
1
10
µA
Gate-to-Source Forward Leakage
(VGS = 20 V)
IGSS
100
nA
Gate-to-Source Reverse Leakage
(VGS = -20 V)
IGSS
-100
nA
ON Characteristics
Gate Threshold Voltage,Fig.12
(VDS = VGS, ID = 250 μA)
VGS(th)
1.0
3.0
V
Static Drain-to-Source On-Resistance, Fig.9,10 (Note 5)
(VGS = 10 V, ID = 15A)
(VGS = 4.5 V, ID = 12A)
RDS(on)
10.8
15.4
12.5
mΩ
Forward Transconductance (VDS = 15 V, ID = 12A) (Note 5)
gFS
28
S
Dynamic Characteristics
Input Capacitance
Ciss
1520
pF
Output Capacitance
Coss
314
pF
Reverse Transfer Capacitance
(VDS = 15 V, VGS = 0 V,
f = 1.0 MHz)
Fig.14
Crss
152
pF
Total Gate Charge (VGS = 10 V)
Qg
27.9
35
nC
Total Gate Charge (VGS = 4.5 V)
Qg
14
19
nC
Gate-to-Source Charge
Qgs
4.9
nC
Gate-to-Drain Charge
(VDS = 15 V, ID = 12 A) (Note 6)
Fig.15
Qgd
4.3
nC
Resistive Switching Characteristics
Turn-On Delay Time
td(on)
10
ns
Rise Time
tr
3.4
ns
Turn-Off Delay Time
td(off)
36
ns
Fall Time
(VDD = 15 V, ID = 12 A,
VGS = 10 V,
RG = 1.0Ω) (Note 6)
tf
6.0
ns
Turn-On Delay Time
td(on)
16
ns
Rise Time
tr
7.2
ns
Turn-Off Delay Time
td(off)
34
ns
Fall Time
(VDD = 15 V, ID = 12 A,
VGS = 4.5V,
RG = 1.0Ω) (Note 6)
tf
14
ns
Source-Drain Diode Characteristics
Continuous Source Current (Body
Diode Fig.16)
IS
50
A
Pulse Source Current (Body Diode)
Integral pn-diode in MOSFET
ISM
Fig.6
A
Forward On-Voltage
(IS = 12 A, VGS = 0 V)
VSD
1.0
V
Forward Turn-On Time
trr
25
38
ns
Reverse Recovery Charge
(IF = 12 A, VGS = 0 V,
di/dt = 100A/µs)
Qrr
31
46
nC


Similar Part No. - CMT60N03N263

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N03GN252 CHAMP-CMT60N03GN252 Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N03GN263 CHAMP-CMT60N03GN263 Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
More results

Similar Description - CMT60N03N263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
logo
Fairchild Semiconductor
RFD3055LESM9A FAIRCHILD-RFD3055LESM9A Datasheet
1Mb / 8P
   N-Channel Logic Level Power MOSFET
logo
Sensitron
SHD226314 SENSITRON-SHD226314 Datasheet
64Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL, LOGIC LEVEL
SHD220213 SENSITRON-SHD220213 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL LOGIC LEVEL
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
FQS4410 FAIRCHILD-FQS4410 Datasheet
598Kb / 8P
   Single N-Channel, Logic Level, Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com