Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9929FV Datasheet(PDF) 7 Page - Rohm

Part # BU9929FV
Description  I2C BUS interface, general purpose I/O ports with condition watching function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9929FV Datasheet(HTML) 7 Page - Rohm

Back Button BU9929FV Datasheet HTML 3Page - Rohm BU9929FV Datasheet HTML 4Page - Rohm BU9929FV Datasheet HTML 5Page - Rohm BU9929FV Datasheet HTML 6Page - Rohm BU9929FV Datasheet HTML 7Page - Rohm BU9929FV Datasheet HTML 8Page - Rohm BU9929FV Datasheet HTML 9Page - Rohm BU9929FV Datasheet HTML 10Page - Rohm BU9929FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BU9929FV
Multimedia ICs
7/11
1. Data write mode
St SLAVE ADDRESS W
A COMMAND BYTE A
WRITE DATA 1
PION7
− PION0
PIO15
− PIO8
AA
Sp
WRITE DATA 2
Command register : At reset, D0 to D7 are ”0”.
D7
SHT DWN
D6
INT SEL
D5
DOUT SEL
D4
OUT ON
D3
DIR ON
D2
BYTE SEL
D1
EDGE SEL
D0
DET ON
D7 : Shut Down mode
0 : Shut down mode off (Normal operation mode)
1 : Shut down mode on
D6 : INT output method choice
0 : LOW output
1 : Output of LOW pulse equivalent for one period of CLK
D5 : Detection result output choice
0 : Serial output. INT pin is also valid.
1 : Serial output (I
2C MASTER function) off. Only INT pin is valid.
D4 : Output port writing set
0 : Writing invalid
1 : Writing valid. But, a port, which is indicated as input, is invalid.
Following Write data 2byte-0 : “L” output, 1 : “H” output
D3 : I / O direction set
0 : Direction set invalid
1 : Direction set valid
Following Write data 2byte-0 : input, 1 : output
D2 : Watching object input choice
0 : PION0 to PION7
1 : PION8 to PIO15
D1 : Change detection mode
0 : Falling edge
1 : Both rising and falling edge
D0 : Input port condition watching mode
0 : Invalid
1 : Valid


Similar Part No. - BU9929FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
BU99022NUX-3TR ROHM-BU99022NUX-3TR Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
BU9910KV ROHM-BU9910KV Datasheet
135Kb / 15P
   Status display LCD driver for PCs with I2C Bus interface
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
BU9969KN ROHM-BU9969KN Datasheet
415Kb / 14P
   Video bus interface
More results

Similar Description - BU9929FV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Maxim Integrated Produc...
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
JLC1562B ONSEMI-JLC1562B Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
List of Unclassifed Man...
UPD7210C ETC1-UPD7210C Datasheet
72Kb / 2P
   GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
logo
NXP Semiconductors
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
logo
AAEON Technology
SRG-4858P AAEON-SRG-4858P Datasheet
531Kb / 2P
   Standard IoT Gateway System With RS-485 x10 ports I/O Function
2022/10/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com