Electronic Components Datasheet Search |
|
S-1312A31H-M5T1U3 Datasheet(PDF) 11 Page - Seiko Instruments Inc |
|
S-1312A31H-M5T1U3 Datasheet(HTML) 11 Page - Seiko Instruments Inc |
11 / 38 page 105 °C OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.1.1_01 S-1312xxxH Series 11 Electrical Characteristics Table 11 (Ta = +25°C unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Test Circuit Output voltage*1 VOUT(E) VIN = VOUT(S) + 1.0 V, IOUT = 30 mA 1.0 V ≤ VOUT(S) < 1.5 V VOUT(S) − 0.015 VOUT(S) VOUT(S) + 0.015 V 1 1.5 V ≤ VOUT(S) ≤ 3.5 V VOUT(S) × 0.99 VOUT(S) VOUT(S) × 1.01 V 1 Output current*2 IOUT VIN ≥ VOUT(S) + 1.0 V 150*5 − − mA 3 Dropout voltage*3 Vdrop IOUT = 100 mA 1.0 V ≤ VOUT(S) < 1.1 V 0.50 0.68 0.86 V 1 1.1 V ≤ VOUT(S) < 1.2 V − 0.52 0.71 V 1 1.2 V ≤ VOUT(S) < 1.3 V − 0.31 0.63 V 1 1.3 V ≤ VOUT(S) < 1.4 V − 0.28 0.56 V 1 1.4 V ≤ VOUT(S) < 1.5 V − 0.26 0.50 V 1 1.5 V ≤ VOUT(S) < 1.7 V − 0.24 0.47 V 1 1.7 V ≤ VOUT(S) < 2.0 V − 0.22 0.43 V 1 2.0 V ≤ VOUT(S) < 2.5 V − 0.18 0.36 V 1 2.5 V ≤ VOUT(S) < 3.0 V − 0.16 0.32 V 1 3.0 V ≤ VOUT(S) < 3.3 V − 0.15 0.28 V 1 3.3 V ≤ VOUT(S) ≤ 3.5 V − 0.14 0.27 V 1 Line regulation ΔVIN • VOUT ΔVOUT1 1.0 V ≤ VOUT(S) < 1.1 V 1.6 V ≤ VIN ≤ 5.5V, IOUT = 30 mA − 0.02 0.1 %/V 1 1.1 V ≤ VOUT(S) ≤ 3.5 V VOUT(S) + 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 30 mA − 0.02 0.1 %/V 1 Load regulation ΔVOUT2 VIN = VOUT(S) + 1.0 V, 100 μA ≤ IOUT ≤ 100 mA − 20 40 mV 1 Output voltage temperature coefficient*4 ΔTa • VOUT ΔVOUT VIN = VOUT(S) + 1.0 V, IOUT = 30 mA, −40°C ≤ Ta ≤ + 105°C − ±130 − ppm/ °C1 Current consumption during operation ISS1 VIN = VOUT(S) + 1.0 V, ON / OFF pin = ON, no load − 20 30 μA 2 Current consumption during power-off ISS2 VIN = VOUT(S) + 1.0 V, ON / OFF pin = OFF, no load − 0.1 1.0 μA 2 Input voltage VIN − 1.5 − 5.5 V − ON / OFF pin input voltage "H" VSH VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ determined by VOUT output level 1.0 − − V 4 ON / OFF pin input voltage "L" VSL VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ determined by VOUT output level − − 0.25 V 4 ON / OFF pin input current "H" ISH VIN = 5.5 V, VON / OFF = 5.5 V B / D type (without pull-down registor) −0.1 − 0.1 μA 4 A / C type (with pull-down registor) 1.0 2.5 5.0 μA 4 ON / OFF pin input current "L" ISL VIN = 5.5 V, VON / OFF = 0 V −0.1 − 0.1 μA 4 Ripple rejection RR VIN = VOUT(S) + 1.0 V, f = 1.0 kHz, ΔVrip = 0.5 Vrms, IOUT = 30 mA 1.0 V ≤ VOUT(S) ≤ 1.2 V − 75 − dB 5 1.2 V < VOUT(S) ≤ 2.85 V − 70 − dB 5 2.85 V < VOUT(S) ≤ 3.5 V − 65 − dB 5 Short-circuit current Ishort VIN = VOUT(S) + 1.0 V, ON / OFF pin = ON, VOUT = 0 V − 50 − mA 3 Thermal shutdown detection temperature TSD Junction temperature − 150 − °C − Thermal shutdown release temperature TSR Junction temperature − 120 − °C − "L" output Nch ON resistance RLOW VOUT = 0.1 V, VIN = 5.5 V A / B type (with discharge shuntfunction) − 35 − Ω 3 Power-off pull-down resistance RPD − A / C type (with pull-down registor) 1.0 2.2 5.0 M Ω 4 |
Similar Part No. - S-1312A31H-M5T1U3 |
|
Similar Description - S-1312A31H-M5T1U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |