Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8223AAB-I6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8223AAB-I6T1U
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8223AAB-I6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8223AAB-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8223AAB-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8223A/B/C/D Series
Rev.1.0_00
10
Test Circuits
1. Overcharge detection voltage, overcharge hysteresis voltage (Test circuit 1)
Set SW1 to OFF in CMOS output product of the S-8223A/C Series and in the S-8223B/D Series, and set SW1 to ON in
Nch open-drain output product of the S-8223A/C Series.
1. 1 Overcharge detection voltage n (VCUn)
Set V0 = 0 V, V1 = V2 = V3 = VCU
− 0.05 V in test circuit 1. The overcharge detection voltage 1 (VCU1) is the V1
voltage when the CO pin output inverts after the V1 voltage has been gradually increased.
Overcharge detection voltage (VCUn) (n = 2 to 3) can be determined in the same way as when n = 1.
1. 2 Overcharge hysteresis voltage n (VHCn)
Set V0 = 0 V, V1 = VCU
+ 0.05 V, V2 = V3 = 2.5 V. The overcharge hysteresis voltage 1 (VHC1) is the difference
between V1 voltage and VCU1 when the CO pin output inverts again after the V1 voltage has been gradually
decreased.
Overcharge hysteresis voltage (VHCn) (n = 2 to 3) can be determined in the same way as when n = 1.
2. Output voltage (S-8223B/D Series) (Test circuit 1)
Set SW1 to OFF in the S-8223B/D Series.
2. 1 CO pin output voltage "H"
The CO pin output voltage "H" (VCOH) is the voltage between the CO pin and the VSS pin when V0 = 0 V, V1 = V2
= V3 = 5.2 V.
3. Output current (Test circuit 4)
3. 1 CMOS output product in S-8223A/C Series
Set SW4 and SW5 to OFF.
3. 1. 1 Active "H"
(1) CO pin source current (ICOH)
Set SW4 to ON after setting V1 = 5.2 V, V2 = 2.8 V, V3 = 2.5 V, V4 = 0.5 V. I1 is the CO pin source
current (ICOH) at that time.
(2) CO pin sink current (ICOL)
Set SW5 to ON after setting V1 = V2 = V3 = 3.5 V, V5 = 0.5 V. I2 is the CO pin sink current (ICOL) at that
time.
3. 1. 2 Active "L"
(1) CO pin source current (ICOH)
Set SW4 to ON after setting V1 = V2 = V3 = 3.5 V, V4 = 0.5 V. I1 is the CO pin source current (ICOH) at
that time.
(2) CO pin sink current (ICOL)
Set SW5 to ON after setting V1 = 5.2 V, V2 = 2.8 V, V3 = 2.5 V, V4 = 0.5 V. I2 is the CO pin sink current
(ICOL) at that time.


Similar Part No. - S-8223AAB-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
More results

Similar Description - S-8223AAB-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8215A ABLIC-S-8215A Datasheet
578Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com