Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8223A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8223A
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8223A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8223A Datasheet HTML 3Page - Seiko Instruments Inc S8223A Datasheet HTML 4Page - Seiko Instruments Inc S8223A Datasheet HTML 5Page - Seiko Instruments Inc S8223A Datasheet HTML 6Page - Seiko Instruments Inc S8223A Datasheet HTML 7Page - Seiko Instruments Inc S8223A Datasheet HTML 8Page - Seiko Instruments Inc S8223A Datasheet HTML 9Page - Seiko Instruments Inc S8223A Datasheet HTML 10Page - Seiko Instruments Inc S8223A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.0_00
S-8223A/B/C/D Series
7
Pin Configuration
1. SNT-6A
5
4
6
2
3
1
Top view
Figure 4
Table 4 S-8223A/B Series (Pin Configuration 1)
Pin No.
Symbol
Description
1
VC1
Positive voltage connection pin of battery 1
2
VC2
Negative voltage connection pin of battery 1
Positive voltage connection pin of battery 2
3
VSS
Negative power supply input pin
Negative voltage connection pin of battery 3
4
VC3
Negative voltage connection pin of battery 2
Positive voltage connection pin of battery 3
5
VDD
Positive power supply input pin
6
CO
FET gate connection pin for charge control
Table 5 S-8223C/D Series (Pin Configuration 2)
Pin No.
Symbol
Description
1
CO
FET gate connection pin for charge control
2
VDD
Positive power supply input pin
3
VC1
Positive voltage connection pin of battery 1
4
VC2
Negative voltage connection pin of battery 1
Positive voltage connection pin of battery 2
5
VC3
Negative voltage connection pin of battery 2
Positive voltage connection pin of battery 3
6
VSS
FET gate connection pin for charge control


Similar Part No. - S8223A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S822 NKK-S822 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8221 SATCO-S8221 Datasheet
125Kb / 1P
   15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Polyfet RF Devices
S8222 POLYFET-S8222 Datasheet
53Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8224 SATCO-S8224 Datasheet
126Kb / 2P
   15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
More results

Similar Description - S8223A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8215A ABLIC-S-8215A Datasheet
578Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com