Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5716ANDL2-M3T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-5716ANDL2-M3T1U
Description  LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5716ANDL2-M3T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-5716ANDL2-M3T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5716ANDL2-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
Rev.1.6_01
S-5716 Series
5
3. 2 SNT-4A
3. 2. 1 Nch open-drain output product
Table 4
Product Name
Operating Cycle
(tCYCLE)
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic
Sensitivity (BOP)
S-5716ANDL0-I4T1U
50.50 ms typ.
Nch open-drain output
Both poles
Active "L"
1.8 mT typ.
S-5716ANDL1-I4T1U
50.50 ms typ.
Nch open-drain output
Both poles
Active "L"
3.0 mT typ.
S-5716ANDL2-I4T1U
50.50 ms typ.
Nch open-drain output
Both poles
Active "L"
4.5 mT typ.
S-5716ANSL0-I4T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "L"
1.8 mT typ.
S-5716ANSL1-I4T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "L"
3.0 mT typ.
S-5716ANSL2-I4T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "L"
4.5 mT typ.
S-5716ANSL3-I4T1U
50.85 ms typ.
Nch open-drain output
S pole
Active "L"
7.0 mT typ.
Remark Please contact our sales office for products other than the above.
3. 2. 2 CMOS output product
Table 5
Product Name
Operating Cycle
(tCYCLE)
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic
Sensitivity (BOP)
S-5716ACDL0-I4T1U
50.50 ms typ.
CMOS output
Both poles
Active "L"
1.8 mT typ.
S-5716ACDL1-I4T1U
50.50 ms typ.
CMOS output
Both poles
Active "L"
3.0 mT typ.
S-5716ACDL2-I4T1U
50.50 ms typ.
CMOS output
Both poles
Active "L"
4.5 mT typ.
S-5716ACDH0-I4T1U
50.50 ms typ.
CMOS output
Both poles
Active "H"
1.8 mT typ.
S-5716ACDH1-I4T1U
50.50 ms typ.
CMOS output
Both poles
Active "H"
3.0 mT typ.
S-5716ACDH2-I4T1U
50.50 ms typ.
CMOS output
Both poles
Active "H"
4.5 mT typ.
S-5716ACSL0-I4T1U
50.85 ms typ.
CMOS output
S pole
Active "L"
1.8 mT typ.
S-5716ACSL1-I4T1U
50.85 ms typ.
CMOS output
S pole
Active "L"
3.0 mT typ.
S-5716ACSL2-I4T1U
50.85 ms typ.
CMOS output
S pole
Active "L"
4.5 mT typ.
S-5716ACSH0-I4T1U
50.85 ms typ.
CMOS output
S pole
Active "H"
1.8 mT typ.
Remark Please contact our sales office for products other than the above.


Similar Part No. - S-5716ANDL2-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5716ANDL2-M3T1U SII-S-5716ANDL2-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
More results

Similar Description - S-5716ANDL2-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5715 SII-S5715 Datasheet
1Mb / 28P
   HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com