Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1317A12-M5T1U4 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1317A12-M5T1U4
Description  5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1317A12-M5T1U4 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1317A12-M5T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 12Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 13Page - Seiko Instruments Inc S-1317A12-M5T1U4 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35
μA SUPER LOW CURRENT CONSUMPTION
S-1317 Series
Rev.1.0_00
10
Explanation of Terms
1. Output voltage (VOUT)
This voltage is output at an accuracy of
±1.0% or ±15 mV
*2 when the input voltage, the output current and the
temperature are in a certain condition
*1.
*1. Differs depending on the product.
*2. When VOUT < 1.5 V:
±15 mV, when VOUT ≥ 1.5 V: ±1.0%
Caution If the certain condition is not satisfied, the output voltage may exceed the accuracy range of
±1.0% or ±15 mV. Refer to " Electrical Characteristics" for details.
2. Line regulation
ΔVOUT1
ΔVIN • VOUT
Indicates the dependency of the output voltage against the input voltage. The value shows how much the output
voltage changes due to a change in the input voltage after fixing output current constant.
3. Load regulation (
ΔVOUT2)
Indicates the dependency of the output voltage against the output current. The value shows how much the output
voltage changes due to a change in the output current after fixing input voltage constant.
4. Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when the output voltage becomes 98%
of the output voltage value (VOUT3) at VIN = VOUT(S)
+ 1.0 V after the input voltage (VIN) is decreased gradually.
Vdrop = VIN1
− (VOUT3 × 0.98)


Similar Part No. - S-1317A12-M5T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1317A12-M5T1U4 ABLIC-S-1317A12-M5T1U4 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
More results

Similar Description - S-1317A12-M5T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
logo
Seiko Instruments Inc
S1740 SII-S1740 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
   5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com