Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1212D33-E8T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1212D33-E8T1U
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1212D33-E8T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1212D33-E8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1212D33-E8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
S-1212B/D Series
www.sii-ic.com
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
LOW DROPOUT CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2015-2016
Rev.3.0_00
1
The S-1212B/D Series, developed by using high-withstand voltage CMOS process technology, is a positive voltage regulator
with a high-withstand voltage, low current consumption and high-accuracy output voltage, and has a built-in ON / OFF
circuit.
The S-1212B/D Series operates at the maximum operation voltage of 36 V and a low current consumption of 6.5
μA typ.,
and has a built-in low on-resistance output transistor which provides a very small dropout voltage and a large output current.
Also, a built-in overcurrent protection circuit to limit overcurrent of the output transistor and a built-in thermal shutdown circuit
to limit heat are included.
Features
• Output voltage:
2.5 V to 16.0 V, selectable in 0.1 V step
• Input voltage:
3.0 V to 36 V
• Output voltage accuracy:
±2.0% (Ta = +25°C)
• Current consumption:
During operation: 6.5
μA typ. (Ta = +25°C)
During power-off: 0.1
μA typ. (Ta = +25°C)
• Output current:
Possible to output 250 mA (at VIN
≥ VOUT(S) + 2.0 V)
*1
• Input capacitor:
A ceramic capacitor can be used. (1.0
μF or more)
• Output capacitor:
A ceramic capacitor can be used. (1.0
μF to 100 μF)
• Built-in overcurrent protection circuit: Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Detection temperature 165
°C typ.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Built-in discharge shunt circuit:
Discharges the electric charge of the output capacitor during power-off.
(RLOW = 70 k
Ω typ.)
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
Applications
• Constant-voltage power supply for industrial equipment
• Constant-voltage power supply for home electric appliance
Packages
• TO-252-5S(A)
• HSOP-8A
• HSOP-6
• SOT-89-5
• HTMSOP-8
• SOT-23-5


Similar Part No. - S-1212D33-E8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1212D25-E6T1U SII-S-1212D25-E6T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D25-E8T1U SII-S-1212D25-E8T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D25-M5T1U SII-S-1212D25-M5T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D25-S8T1U SII-S-1212D25-S8T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D25-U5T1U SII-S-1212D25-U5T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1212D33-E8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com