Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1821DCV Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1821DCV
Description  ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1821DCV Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1821DCV Datasheet HTML 1Page - Analog Intergrations Corporation AIC1821DCV Datasheet HTML 2Page - Analog Intergrations Corporation AIC1821DCV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1821DCV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1821DCV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1821DCV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1821DCV Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1821
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
SPEC NO: DS-1821-P1 06/07/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
4
n BLOCK DIAGRAM
Power-down
Control
Wake-up Control
-0.3V
3
4
1
2
5
VCC
Overdischarge
Delay Circuit
Overcharge
Delay Circuit
Overcurrent
Delay Circuit
Enable
Enable
Load Detected
0.3V
0.2V
CS
GND
OC
OD
1.2V
1V
n PIN DESCRIPTIONS
PIN 1:
OC
- PMOS open drain output for control
of the charge control MOSFET M2. In
normal mode, this PMOS turns on to
pull the gate of the MOSFET M2 to
high, then the MOSFET M2 turns on.
When overcharge occurs, this PMOS
turns
off,
then
no
current
flows
through R3 and the MOSFET M2
turns off.
PIN 2:
GND - Ground
pin.
This
pin
is
to
be
connected to the negative terminal of
the battery cell.
PIN 3:
OD
- Output
pin
for
control
of
the
discharge
control
MOSFET
M1.
When overdischarge occurs, this pin
goes low to turn off the MOSFET M1
and discharging is inhibited.
PIN 4:
CS
- Input pin for current sensing. Using
the sum of drain-source voltages of
the MOSFET M1 and the MOSFET
M2 (voltage between CS and GND),
it senses discharge current during
normal mode and detects whether
charge
current
is
present
during
power-down mode. It also used to
detect whether load is connected
during overcharge mode.
PIN 5:
VCC - Power supply pin. This pin is to be
connected to the positive terminal of
the battery cell.


Similar Part No. - AIC1821DCV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1821DCV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com