Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF306AM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF306AM
Description  Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF306AM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF306AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF306AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF301AM~SMF307AM
Voltage 50 ~ 1000 V
3.0 Amp Fast Recovery Rectifiers
17-Apr-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Glass Passivated Chip Juntion
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case : SMAM
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: 27 mgram (Approximate)
MARKING
Part Number
Marking Code
Part Number
Marking Code
SMF301AM
RS3A
SMF305AM
RS3J
SMF302AM
RS3B
SMF306AM
RS3K
SMF303AM
RS3D
SMF307AM
RS3M
SMF304AM
RS3G
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAM
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SMF
301AM
SMF
302 AM
SMF
303 AM
SMF
304AM
SMF
305AM
SMF
306AM
SMF
307AM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
IF
3
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
100
A
Maximum Instantaneous Forward Voltage
IF=3A @ 25°C
VF
1.3
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
200
µA
Maximum Reverse Recovery Time
1
TRR
150
250
nS
Typical Junction Capacitance
3
CJ
60
pF
Typical Thermal Resistance
2
RθJL
22
°C/W
Typical Thermal Resistance
2
RθJC
30
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1. Measured with IF=0.5A,IR=1A,IRR=0.25A
2. P.C.B. mounted with 10 X 10 x 0.2mm copper pad areas.
3. Measured at 1MHz and applied reverse voltage of 4V D.C
SMAM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
0.80
1.20
B
2.40
2.70
E
1.30
1.60
C
4.40
4.90
F
0.90
1.10


Similar Part No. - SMF306AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF306B SECOS-SMF306B Datasheet
284Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
logo
SUNMATE electronic Co.,...
SMF306B SUNMATE-SMF306B Datasheet
313Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SMF306C SECOS-SMF306C Datasheet
190Kb / 2P
   VOLTAGE 50V ~1000V 3.0AMP Surface Mount Fast Reovery Rectifiers
logo
SUNMATE electronic Co.,...
SMF306C SUNMATE-SMF306C Datasheet
314Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SMF306C SECOS-SMF306C Datasheet
339Kb / 2P
   3.0 Amp Surface Mount Fast Recovery Rectifiers
More results

Similar Description - SMF306AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
SEF301AM SECOS-SEF301AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 3.0 Amp High Efficiency Recovery Rectifiers
SUF301AM SECOS-SUF301AM Datasheet
225Kb / 2P
   Voltage 50 ~ 600 V 3.0 Amp Surface Mount Super Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
1N4001 LEIDITECH-1N4001 Datasheet
543Kb / 2P
   Plastic Fast Recovery Rectifiers Reverse Voltage 50 ~ 1000 V
logo
Micro Commercial Compon...
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
MR2400FR MCC-MR2400FR Datasheet
79Kb / 4P
   24 Amp Fast Recovery Rectifiers 50-1000 Volt
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR301 UNIOHM-FR301 Datasheet
66Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR301 TGS-FR301 Datasheet
658Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com