Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16100-50K Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS41LV16100-50K
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16100-50K Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS41LV16100-50K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16100-50K Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IS41C16100
IS41LV16100
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. I
04/16/03
ISSI®
Functional Description
The IS41C16100 and IS41LV16100 is a CMOS DRAM
optimized for high-speed bandwidth, low power applications.
During READ or WRITE cycles, each bit is uniquely
addressed through the 16 address bits. These are entered
ten bits (A0-A9) at time. The row address is latched by
the Row Address Strobe (
RAS). The column address is
latched by the Column Address Strobe (
CAS). RAS is used
tolatchthefirstninebitsand
CASisusedtolatchthelatterninebits.
The IS41C16100 and IS41LV16100 has two
CAS con-
trols,
LCAS and UCAS. The LCAS and UCAS inputs internally
generates a
CAS signal functioning in an identical manner to the
single
CAS input on the other 1M x 16 DRAMs. The key differ-
ence is that each
CAS controls its corresponding I/O
tristate logic (in conjunction with
OE and WE and RAS). LCAS
controlsI/O0throughI/O7and
UCAScontrolsI/O8through I/O15.
The IS41C16100 and IS41LV16100
CAS function is
determined by the first
CAS (LCAS or UCAS) transitioning
LOW and the last transitioning back HIGH. The two
CAS
controls give the IS41C16100 and IS41LV16100 both
BYTE READ and BYTE WRITE cycle capabilities.
Memory Cycle
A memory cycle is initiated by bring
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The column
address must be held for a minimum time specified by tAR.
Data Out becomes valid only when tRAC, tAA, tCAC and tOEA
are all satisfied. As a result, the access time is dependent
on the timing relationships between these parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of
CAS or WE, whichever occurs first.
Auto Refresh Cycle
To retain data, 1,024 refresh cycles are required in each
16 ms period. There are two ways to refresh the memory.
1. By clocking each of the 1,024 row addresses (A0 through A9)
with
RAS at least once every 128 ms. Any read, write, read-
modify-write or
RAS-onlycyclerefreshestheaddressedrow.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding
CAS LOW. In CAS-before-RAS refresh
cycle, an internal 9-bit counter provides the row ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Self Refresh Cycle
The Self Refresh allows the user a dynamic refresh, data
retention mode at the extended refresh period of 128 ms.
i.e., 125 µs per row when using distributed CBR refreshes.
The feature also allows the user the choice of a fully
static, low power data retention mode. The optional Self
Refresh feature is initiated by performing a CBR Refresh
cycle and holding
RAS LOW for the specified tRAS.
The Self Refresh mode is terminated by driving
RAS
HIGH for a minimum time of tRP. This delay allows for the
completion of any internal refresh cycles that may be in
process at the time of the
RAS LOW-to-HIGH transition.
If the DRAM controller uses a distributed refresh sequence,
a burst refresh is not required upon exiting Self Refresh.
However, if the DRAM controller utilizes a
RAS-only or
burst refresh sequence, all 1,024 rows must be refreshed
within the average internal refresh rate, prior to the
resumption of normal operation.
Extended Data Out Page Mode
EDO page mode operation permits all 1,024 columns within
a selected row to be randomly accessed at a high data rate.
In EDO page mode read cycle, the data-out is held to the
next
CAS cycle’s falling edge, instead of the rising edge.
For this reason, the valid data output time in EDO page
mode is extended compared with the fast page mode. In
the fast page mode, the valid data output time becomes
shorter as the
CAS cycle time becomes shorter. There-
fore, in EDO page mode, the timing margin in read cycle
is larger than that of the fast page mode even if the
CAS
cycle time becomes shorter.
In EDO page mode, due to the extended data function, the
CAS cycle time can be shorter than in the fast page mode
if the timing margin is the same.
The EDO page mode allows both read and write opera-
tions during one
RAS cycle, but the performance is
equivalent to that of the fast page mode in that case.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight
initialization cycles (any combination of cycles contain-
ing a
RAS signal).
During power-on, it is recommended that
RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IS41LV16100-50K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16100-50K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com