Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF201AM Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF201AM
Description  Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF201AM Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMF201AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF201AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMF201AM~SMF207AM
Voltage 50 ~ 1000 V
2.0 Amp Fast Recovery Rectifiers
17-Apr -2015 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SMF201AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF201A SECOS-SMF201A Datasheet
199Kb / 2P
   2 Amp High Efficiency Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF201A GWSEMI-SMF201A Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SMF201A SUNMATE-SMF201A Datasheet
426Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SMF201A SECOS-SMF201A_15 Datasheet
199Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SMF201AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF301AM SECOS-SMF301AM Datasheet
193Kb / 2P
   Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
SEF207B SECOS-SEF207B Datasheet
663Kb / 2P
   Voltage 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SUF201JD SECOS-SUF201JD Datasheet
169Kb / 2P
   Voltage 50 ~ 600 V, 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF201AM SECOS-SUF201AM Datasheet
226Kb / 2P
   Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
RL201 SECOS-RL201 Datasheet
505Kb / 2P
   Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
1N4001 LEIDITECH-1N4001 Datasheet
543Kb / 2P
   Plastic Fast Recovery Rectifiers Reverse Voltage 50 ~ 1000 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com