Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QG805C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG805C
Description  50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG805C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG805C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG805C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
QG801C ~ QG807C
50 V ~ 1000 V
8.0 Amp Surface Mount Silicon
General Purpose Rectifiers
18-Feb-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Glass passivated junction
High surge current capability
Low reverse current
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Cases: SMC
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead Free Plating(Tin Finish)
Solderable Per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.231 grams(approximate)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
Part Number
Parameters
Symbol
QG
801C
QG
802C
QG
803C
QG
804C
QG
805C
QG
806C
QG
807C
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF
8
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ IF=8A
VF
1.1
V
TC=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TC=100°C
IR
50
μA
Typical Junction Capacitance
1
CJ
50
pF
Thermal Resistance Junction to Ambient
2
RθJA
28
°C / W
Thermal Resistance Junction to Lead
2
RθJL
5
°C / W
Storage and Operating Temperature Range
TJ, TSTG
-55 ~ 150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2.
FR4 Board Heat sink size: 30*30mm.
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305


Similar Part No. - QG805C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG805C-C SECOS-QG805C-C Datasheet
248Kb / 2P
   8.0 Amp Surface Mount Silicon General Purpose Rectifiers
More results

Similar Description - QG805C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG801C-C SECOS-QG801C-C Datasheet
248Kb / 2P
   8.0 Amp Surface Mount Silicon General Purpose Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
   Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
   Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
logo
SHIKUES Electronics
1N4001G SKTECHNOLGY-1N4001G Datasheet
1Mb / 3P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001W SKTECHNOLGY-1N4001W Datasheet
349Kb / 4P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com