Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1220 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KSA1220
Description  TO-126 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KSA1220 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KSA1220 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSA1220 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSA1220 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB=-120V, IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-3 V, IC=0
-1
μA
hFE(1)
VCE=-5V, IC=-5mA
35
DC current gain
hFE(2)
VCE=-5V, IC=-300mA
60
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1 A, IB=-200mA
(1)
-0.4
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-1 A, IB=-200mA
(1)
-1
-1.3
V
Transition frequency
fT
VCE=-5V, IC=-200mA
175
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
26
pF
(1) Pulse Test : PW≤350us , Duty Cycle ≤ 2 %
CLASSIFICATION OF
hFE(2)
Rank
R
O
Y
Range
60-120
100-200
160-320
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
C,Aug,2017


Similar Part No. - KSA1220

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220 FAIRCHILD-KSA1220 Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
logo
Jiangsu Changjiang Elec...
KSA1220 JIANGSU-KSA1220 Datasheet
1Mb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
KSA1220 KOOCHIN-KSA1220 Datasheet
246Kb / 2P
   TRANSISTOR (PNP)
logo
Nanjing International G...
KSA1220 DGNJDZ-KSA1220 Datasheet
1,004Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
More results

Similar Description - KSA1220

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com