Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QG206JD Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # QG206JD
Description  Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG206JD Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  QG206JD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG206JD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
QG201JD ~ QG207JD
Voltage 50 ~ 1000 V
2.0Amp Surface Mount Silicon Rectifiers
30-Jul-2015 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - QG206JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG206A SECOS-QG206A Datasheet
188Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
QG206AM SECOS-QG206AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG206B SECOS-QG206B Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
More results

Similar Description - QG206JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
QG201B SECOS-QG201B Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
QG201A SECOS-QG201A Datasheet
188Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
   Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
   50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
   VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com