Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCT1022 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCT1022
Description  LOW OFFSET HIGH-SIDE CURRENT MONITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1022 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCT1022 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1022 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICO NDUC TORS
DESCRIPTION
The ZXCT1022 is a precision high side current sense
monitor. Using this type of device eliminates the need
to disrupt the ground plane when sensing a load
current.
The ZXCT1022 provides a fixed gain of 100 for
applications where minimal sense voltage is required.
The very low offset voltage enables a typical accuracy
of 3% for sense voltages of only 10mV, giving better
tolerances for small sense resistors necessary at
higher currents.
The wide input voltage range of 20V down to as low as
2.5V make it suitable for a range of applications. With a
minimum operating current of just 25µA, combined
with its SOT23-5 package make it suitable for portable
battery equipment too.
FEATURES
Accurate high-side current sensing
Output voltage scaling
2.5V – 20V supply range
25 A quiescent current
1% typical accuracy
SOT23-5 package
APPLICATIONS
Battery chargers
Smart battery packs
DC motor control
Over current monitor
Power management
Level translating
Programmable current source
ZXCT1022
PROVISIONAL ISSUE J - APRIL 2004
LOW OFFSET HIGH-SIDE CURRENT MONITOR
1
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXCT1022E5TA
7”
8mm
3,000 units
DEVICE MARKING
1022
ORDERING INFORMATION
TYPICAL CIRCUIT APPLICATION


Similar Part No. - ZXCT1022

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1022 ZETEX-ZXCT1022 Datasheet
231Kb / 8P
   Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
   Low offset high-side current monitor
logo
Zetex Semiconductors
ZXCT1022E5TA ZETEX-ZXCT1022E5TA Datasheet
231Kb / 8P
   Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1022E5TA DIODES-ZXCT1022E5TA Datasheet
202Kb / 8P
   Low offset high-side current monitor
logo
Zetex Semiconductors
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
   Low offset high-side current monitor
More results

Similar Description - ZXCT1022

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
   Low offset high-side current monitor
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
   Low offset high-side current monitor
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
   LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
   Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
   Low offset high-side current monitor
ZXCT1020 DIODES-ZXCT1020 Datasheet
1Mb / 14P
   Low offset current output current monitor
logo
Zetex Semiconductors
ZXCT1020 ZETEX-ZXCT1020 Datasheet
1Mb / 14P
   Low offset current output current monitor
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
   High-side low drift current monitor
logo
Diodes Incorporated
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
   High-side low drift current monitor
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com