Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS210KE2HR Datasheet(PDF) 1 Page - Rohm

Part # SCS210KE2HR
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KE2HR Datasheet(HTML) 1 Page - Rohm

  SCS210KE2HR_17 Datasheet HTML 1Page - Rohm SCS210KE2HR_17 Datasheet HTML 2Page - Rohm SCS210KE2HR_17 Datasheet HTML 3Page - Rohm SCS210KE2HR_17 Datasheet HTML 4Page - Rohm SCS210KE2HR_17 Datasheet HTML 5Page - Rohm SCS210KE2HR_17 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS210KE2HR
SiC Schottky Barrier Diode
*1 Tc=148°C/Tc=150°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10
s square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10%
*6 Tc=25°C *7 Per leg / Both legs
3) High-speed switching possible
AEC-Q101 Qualified
Inner circuit
Packaging specifications
TO-247
2) Reduced temperature dependence
1200V
5A/10A*
VR
IF
QC
Features
17nC
1) Shorter recovery time
A
W
Symbol
Construction
Silicon carbide epitaxial planer schottky diode
Parameter
V
V
A
Tube
-
Type
Packaging
Reel size (mm)
C
SCS210KE2
Basic ordering unit (pcs)
Tape width (mm)
-
30
Marking
Packing code
80/170*
6
23/46*
2
A
A
VRM
1200
5/10*
1
24/49*
5
87/170*
3
A
Total power disspation
*7
Junction temperature
VR
IF
IFSM
IFRM
PD
Reverse voltage (DC)
Continuous forward current
*7
*(Per leg / Both legs)
18/36*
4
°C
°C
Tj
Tstg
175
55 to 175
Range of storage temperature
Absolute maximum ratings (Tj = 25°C)
Surge no repetitive forward current
*7
Reverse voltage (repetitive peak)
Unit
Value
Repetitive peak forward current
*7
1200
(1) Anode
(2) Cathode
(3) Anode
(1)
(3)
(2)
(1) (2)
(3)
1/4
2017.06 - Rev.C


Similar Part No. - SCS210KE2HR_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS210KE2HR ROHM-SCS210KE2HR Datasheet
549Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS210KE2HR_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com