Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1135B11-A6T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1135B11-A6T1U
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1135B11-A6T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1135B11-A6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_01
S-1135 Series
7
1. 3 HSNT-6A
S-1135 x xx - A6T1 U
Output voltage
*2
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product type
*3
A to H
Package abbreviation and IC packing specifications
*1
A6T1: HSNT-6A, Tape
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to “2. Function list of product type”.
2. Function list of product type
Table 1
Product Type
ON / OFF Logic
Discharge Shunt Function
Pull-up Resistor
Pull-down Resistor
A
Active “H”
Available
None
Available
B
Active “H”
Available
None
None
C
Active “H”
None
None
Available
D
Active “H”
None
None
None
E
Active “L”
Available
Available
None
F
Active “L”
Available
None
None
G
Active “L”
None
Available
None
H
Active “L”
None
None
None
3. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
Stencil Opening
SOT-89-5
UP005-A-P-SD
UP005-A-C-SD
UP005-A-R-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
HSNT-6A
PJ006-A-P-SD
PJ006-A-C-SD
PJ006-A-R-SD
PJ006-A-LM-SD
PJ006-A-LM-SD


Similar Part No. - S-1135B11-A6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1135B11-A6T1U ABLIC-S-1135B11-A6T1U Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
More results

Similar Description - S-1135B11-A6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com