Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6755T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6755T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6755T Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6755T Datasheet HTML 1Page - Vishay Siliconix SFH6755T Datasheet HTML 2Page - Vishay Siliconix SFH6755T Datasheet HTML 3Page - Vishay Siliconix SFH6755T Datasheet HTML 4Page - Vishay Siliconix SFH6755T Datasheet HTML 5Page - Vishay Siliconix SFH6755T Datasheet HTML 6Page - Vishay Siliconix SFH6755T Datasheet HTML 7Page - Vishay Siliconix SFH6755T Datasheet HTML 8Page - Vishay Siliconix SFH6755T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SFH6747, SFH6755, SFH6756, SFH6757
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Aug-13
1
Document Number: 82583
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, 10 MBd, SOIC-8 Package
DESCRIPTION
The SFH6747, SFH6755, SFH6756, and SFH6757 family are
single and dual channel 10 MBd optocoupler utilizing a high
efficient input LED coupled with an integrated optical
photodiode IC detector. The detector has an open drain
NMOS-transistor output, providing less leakage compared
to an open collector Schottky clamped transistor output.
For the single channel type, an enable function on pin 7
allows the detector to be strobed. The use of a 0.1 μF
bypass capacitor connected between pin 5 and 8 is
recommended.
AGENCY APPROVALS
• UL1577, file no. E52744
• cUL-file no. E52744, equivalent to CSAkm bulletin 5A
FEATURES
• Choice of CMR performance of 10 kV/μs,
5 kV/μs, and 0.1 kV/μs
• High speed: 10 MBd typical
• + 5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature: -40 °C to +100 °C temperature range
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability: 5 mA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Microprocessor system M interface
• PLC, ATE input / output isolation
• Computer peripheral interface: SPI
• Digital fieldbus isolation: CC-Link, DeviceNet, profibus,
SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
NC
A
C
NC
V
CC
V
E
VO
GND
A1
C1
C2
A2
V
CC
VO1
VO2
GND
Single channel
Dual channel
V
DE
SFH6747
SFH6755, SFH6756, SFH6757
18921-17
ORDERING INFORMATION
SF
H
6
7
#
#
T
PART NUMBER
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
1 CHANNEL
2 CHANNELS
CMR (kV/μs)
CMR (kV/μs)
UL, cUL
10
0.1
5
10
SOIC-8
SFH6747T
SFH6755T
SFH6756T
SFH6757T
SIOC-8
6.1 mm


Similar Part No. - SFH6755T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6755T VISHAY-SFH6755T Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6755T VISHAY-SFH6755T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
More results

Similar Description - SFH6755T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com