Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137-X009T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 6N137-X009T
Description  High Speed Optocoupler, Single and Dual, 10 MBd
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X009T Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 6N137-X009T Datasheet HTML 4Page - Vishay Siliconix 6N137-X009T Datasheet HTML 5Page - Vishay Siliconix 6N137-X009T Datasheet HTML 6Page - Vishay Siliconix 6N137-X009T Datasheet HTML 7Page - Vishay Siliconix 6N137-X009T Datasheet HTML 8Page - Vishay Siliconix 6N137-X009T Datasheet HTML 9Page - Vishay Siliconix 6N137-X009T Datasheet HTML 10Page - Vishay Siliconix 6N137-X009T Datasheet HTML 11Page - Vishay Siliconix 6N137-X009T Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Sep-16
8
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Reverse Current vs. Ambient Temperature
Fig. 13 - Low Level Supply Current vs. Ambient Temperature
Fig. 14 - High Level Supply Current vs. Ambient Temperature
Fig. 15 - Input Threshold On Current vs. Ambient Temperature
Fig. 16 - Input Threshold Off Current vs. Ambient Temperature
Fig. 17 - Low Level Output Voltage vs. Ambient Temperature
0
1
2
3
4
5
6
7
T
amb - Ambient Temperature (°C)
17613-1
V
R = 5 V
-40
-20
0
20406080
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
amb - Ambient Temperature (°C)
17614
V
CC = 5 V
I
F = 10 mA
I
F = 10 mA
V
CC = 7 V
-40
-20
0
20406080
100
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
T
amb - Ambient Temperature (°C)
17615
V
CC = 7 V
I
F = 0.25 mA
V
CC = 5 V
I
F = 0.25 mA
-40
-20
0
20406080
100
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
T
amb - Ambient Temperature (°C)
17616
R
L = 350 Ω
R
L = 1 kΩ
R
L = 4 kΩ
-40
-20
0
20406080
100
2.0
2.1
2.2
2.3
2.4
2.5
2.6
T
amb - Ambient Temperature (°C)
17617
R
L = 350 Ω
R
L = 1 kΩ
R
L = 4 kΩ
-40
-20
0
20406080
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
T
amb - Ambient Temperature (°C)
17618
I
L = 6 mA
I
L = 10 mA
I
L = 13 mA
I
L = 16 mA
V
CC = 5.5 V
I
F = 5 mA
-40
-20
020
40
60
80
100


Similar Part No. - 6N137-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N137-X009T VISHAY-6N137-X009T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Similar Description - 6N137-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com