Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3010P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K3010P
Description  Optocoupler, Phototriac Output, Non-Zero Crossing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3010P Datasheet(HTML) 4 Page - Vishay Siliconix

  K3010P_12 Datasheet HTML 1Page - Vishay Siliconix K3010P_12 Datasheet HTML 2Page - Vishay Siliconix K3010P_12 Datasheet HTML 3Page - Vishay Siliconix K3010P_12 Datasheet HTML 4Page - Vishay Siliconix K3010P_12 Datasheet HTML 5Page - Vishay Siliconix K3010P_12 Datasheet HTML 6Page - Vishay Siliconix K3010P_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
K3010P, K3010PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 01-Jun-12
4
Document Number: 83504
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• According to DIN EN60747-5-5 (see figure 4). This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 4 - Safety Parameter Derating Diagram
Fig. 5 - Test Pulse Diagram for Sample Test according to
DIN EN60747-5-5/DIN EN60747-; IEC 60747
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification (according to IEC 68 part 1)
55/100/21
Pollution degree (DIN VDE 0109)
2
Comparative tracking index
CTI
175
Peak transient overvoltage
VIOTM
8000
Vpeak
Peak working insulation voltage
VIORM
890
Vpeak
Partial discharge test voltage (method a, Vpd = VIORM x 1.875)
Vpd
1669
Vpeak
Isolation resistance at Tamb = 100 °C, VDC = 500 V
RIO
1011
Ω
Isolation resistance at Tamb = 25 °C, VDC = 500 V
RIO
1012
Ω
Safety rating - power
PSO
265
mW
Safety rating - input current
ISI
130
mA
Safety rating - temperature
TSI
150
°C
Clearance distance (Standard DIP-6)
7
mm
Creepage distance (Standard DIP-6)
7
mm
Clearance distance (400 mil DIP-6)
8
mm
Creepage distance (400 mil DIP-6)
8
mm
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Tamb - Ambient Temperature (°C)
P
si (mW)
I
si (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Similar Part No. - K3010P_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010PG VISHAY-K3010PG Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
More results

Similar Description - K3010P_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
VOT8123AB VISHAY-VOT8123AB Datasheet
184Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com