Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1135A16-A6T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1135A16-A6T1U
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1135A16-A6T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1135A16-A6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1135A16-A6T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 Series
Rev.2.2_01
6
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1135 Series. Refer to “1. Product
name” regarding the contents of product name, “2. Function list of product type” regarding the product type, “3.
Packages” regarding the package drawings.
1. Product name
1. 1 SOT-89-5
S-1135 x xx - U5T1 x
Output voltage
*2
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
Product type
*3
A to H
Package abbreviation and IC packing specifications
*1
U5T1: SOT-89-5, Tape
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to “2. Function list of product type”.
1. 2 SOT-23-5
S-1135 x xx - M5T1 x
Output voltage
*2
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
S:
Lead-free, halogen-free
Product type
*3
A to H
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to “2. Function list of product type”.


Similar Part No. - S-1135A16-A6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1135A16-A6T1U ABLIC-S-1135A16-A6T1U Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
More results

Similar Description - S-1135A16-A6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com