Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YG962S6R Datasheet(PDF) 7 Page - Fuji Electric

Part # YG962S6R
Description  SILICON DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG962S6R Datasheet(HTML) 7 Page - Fuji Electric

Back Button YG962S6R Datasheet HTML 3Page - Fuji Electric YG962S6R Datasheet HTML 4Page - Fuji Electric YG962S6R Datasheet HTML 5Page - Fuji Electric YG962S6R Datasheet HTML 6Page - Fuji Electric YG962S6R Datasheet HTML 7Page - Fuji Electric YG962S6R Datasheet HTML 8Page - Fuji Electric YG962S6R Datasheet HTML 9Page - Fuji Electric YG962S6R Datasheet HTML 10Page - Fuji Electric YG962S6R Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
H04-004-03
Fuji Electric Co.,Ltd.
MS5D1436
7/12
・The Diodes are made of incombustible material.However,if a Diode fails,it may emit smoke
of flame.Also,operating the Diodes near any flammable place or material may cause the
Diodes to emit smoke or flame in case the Diodes become even hotter during operation.
Design the arrangement to prevent the spread of fire.
・The Diodes should not used in an environment in the presence of acid,organic matter,or
corrosive gas(hydrogen sulfide,sulfurous acid gas.)
・The Diodes should not used in an irradiated field since they are not radiation-proof.
Insatallation
・Soldering involves temperatures which exceed the device storage temperature rating.To
avoid device damage and to ensure reliability, observe the following guidelines from the
quality assurance standard.
・Solder temperature and duration(through-hole package)
Solder
Duration
temperature
260±5℃
10±1second
350±10℃
3.0±0.5second
・The immersion depth of the lead should basically be up to the lead stopper and the distance
should be a maximum of 1.5mm from the device.
・When flow-soldering,take care to avoid immersing the package in the solder bath.
・Refer to the following torque reference When mounting the device on a heat sink. Excess
torque applied to the mounting screw causes damage to the device and weak torque will
increase the thermal resistance, both of which conditions may destory the device.
Table 1:Recommended tightening torque
Package style
Screw
Recommended tightening
torque
TO-220
M3
30-50Ncm
TO-220F
TO-3P
M3
40-60Ncm
TO-3PF
TO-247
TO-3PL
M3
60-80Ncm
・The heat sink should have a flatness within±50μm and roughness within 10μm.
Also,keep the tightening torque within the limits of this specification.
・Improper handling may cause isolation breakdown leading to a critical accident.
・We recommend the use of thermal compound to optimize the efficiency of heat radiation.It is
important to evenly apply the compound and to eliminate any air viods.
Storage
・The Diodes must be stored at a standard temperature of 5 to 35℃ and relative humidity of 45
to 75%.If the storage area is very dry,a humidifier may be required.In such a case,use only
deionized water or boiled water,since the chlorine in tap water may corrode the leads.
・The Diodes should not be subjected to rapid changes in temperature to avoid condensation
on the suface of the Diodes.Therfore,store the Diodes in a place Where the temperature is
steady.
・The Diodes should not be stored on top of each other,since this may cause excessive
external force on the case.
・The Diodes should not be stored with the lead terminals remaining unprocessed.Rust may
cause presoldered connections to go fail during later processing.
・The Diodes should be stored in antistatic containers or shipping bags.


Similar Part No. - YG962S6R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
YG962S6R ISC-YG962S6R Datasheet
334Kb / 2P
   Ultrafast Recovery Rectifier
More results

Similar Description - YG962S6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com